Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100-4601 Datasheet(PDF) 1 Page - Pro-Signal

Part # 100-4601
Description  Piezo Tweeter Driver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

100-4601 Datasheet(HTML) 1 Page - Pro-Signal

  100-4601 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Rating
225W (4Ω) / 115W (8Ω)
Frequency Response
1800Hz - 20000Hz
Sensitivity (SPL 2.83V/1m) 92dB
Diameter
64mm
Weight
60g
Price Each
Order Code
100-4601▲
Piezo Tweeter Driver
416838.406710
Ì 3.5cm (13⁄8") thread


Similar Part No. - 100-4601

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
100-4600 PROSIGNAL-100-4600 Datasheet
27Kb / 1P
Piezo Tweeter
More results

Similar Description - 100-4601

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4501 SIPEX-SP4501 Datasheet
137Kb / 13P
EL Plus Piezo Driver
logo
ELM Electronics
ELM412 ELM-ELM412 Datasheet
27Kb / 4P
Piezo Element Driver
logo
Sanyo Semicon Device
LV8094CT SANYO-LV8094CT Datasheet
586Kb / 15P
Piezo Actuator Driver IC
LV8491CT SANYO-LV8491CT Datasheet
422Kb / 20P
Piezo Actuator Driver IC
logo
ON Semiconductor
LV8094CT ONSEMI-LV8094CT Datasheet
383Kb / 15P
Piezo Actuator Driver IC
June, 2013
LV8491CT ONSEMI-LV8491CT Datasheet
139Kb / 20P
Piezo Actuator Driver IC
June, 2013
logo
Diodes Incorporated
PAM8904 DIODES-PAM8904_17 Datasheet
352Kb / 9P
18VPP OUTPUT PIEZO SOUNDER DRIVER
Rev 2
logo
Analog Technologies, In...
AHVA100V2X100MA ANALOGTECHNOLOGIES-AHVA100V2X100MA Datasheet
745Kb / 8P
High Voltage Amplifier/Piezo Driver
7/13/2022
APZD300V2A ANALOGTECHNOLOGIES-APZD300V2A Datasheet
243Kb / 5P
High Efficiency Piezo Driver
3/11/2021
logo
List of Unclassifed Man...
53-1221 ETC-53-1221 Datasheet
34Kb / 2P
1.75“Titainium Dome Compression Tweeter Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com