Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX613 Datasheet(PDF) 2 Page - Omega Engineering, Inc.

Part # PX613
Description  THIN-FILM TRANSDUCERS FOR GAGE, VACUUM, OR COMPOUND RANGES RUGGED STAINLESS STEEL CONSTRUCTION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

PX613 Datasheet(HTML) 2 Page - Omega Engineering, Inc.

  PX613 Datasheet HTML 1Page - Omega Engineering, Inc. PX613 Datasheet HTML 2Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B-101
20.32
(0.8)
96.012
(3.780)
ARTWORK/PRODUCT ART/ PRESSURE/P-PX602
PX603/PX613
wiriNG
A rD +in
B GN +Out
D wT Com
Dimensions:
mm (inch)
Comes complete with operator’s manual.
** See omega.com/meters for compatible meters.
†15,000 and 20,000 psi models supplied with female Aminco fitting.
[*] Insert “0” for cable style, “1” for connector style.
Ordering Examples: PX603-500G5V, cable-style transducer with 1 to 5 Vdc output and range of 0 to 500 psi.
PX613-500G5V, connector-style transducer with 1 to 5 Vdc output and range of 0 to 500 psi.
PT06F8-4S, mating connector (sold separately).
ACCESSORIES
THIN-FILM TRANSduceRS
MODEL NO.
DESCRIPTION
PT06F8-4S
Mating connector for PX613 Series transducers
PS-4D
Pressure snubber, for oil, 225 to 500 SSU (10 to 50 SAE)
PS-4E
Pressure snubber, for water and light oil, 30 to 225 SSU
PS-4G
Pressure snubber, for air, stream and gases
P-DPG500 Fig. 1
1
⁄4 NPT Pressure
Snubbers:
PS-4G = Gas
PS-4E = Lt Oil
PS-4D = Dense Lq
To Order
RANGE†
bar
MODEL NO.
[*] INSERT 0 or 1
COMPATIBLE METERS**
Vacuum to 0 psig
-1 to 0
PX6[*]3-30VAC5V
DP3002-E, DP41-E, DP25B-E
Vacuum to 15 psig
-1 to 1.0
PX6[*]3-30V15G5V
DP3002-E, DP41-E, DP25B-E
Vacuum to 30 psig
-1 to 2.1
PX6[*]3-30V30G5V
DP3002-E, DP41-E, DP25B-E
Vacuum to 60 psig
-1 to 4.1
PX6[*]3-30V60G5V
DP3002-E, DP41-E, DP25B-E
0 to 15 psig
0 to 1.0
PX6[*]3-015G5V
DP3002-E, DP41-E, DP25B-E
0 to 30 psig
0 to 2.1
PX6[*]3-030G5V
DP3002-E, DP41-E, DP25B-E
0 to 60 psig
0 to 4.1
PX6[*]3-060G5V
DP3002-E, DP41-E, DP25B-E
0 to 100 psig
0 to 6.9
PX6[*]3-100G5V
DP3002-E, DP41-E, DP25B-E
0 to 150 psig
0 to 10.3
PX6[*]3-150G5V
DP3002-E, DP41-E, DP25B-E
0 to 200 psig
0 to 13.8
PX6[*]3-200G5V
DP3002-E, DP41-E, DP25B-E
0 to 300 psig
0 to 20.7
PX6[*]3-300G5V
DP3002-E, DP41-E, DP25B-E
0 to 500 psig
0 to 34.5
PX6[*]3-500G5V
DP3002-E, DP41-E, DP25B-E
0 to 1000 psig
0 to 68.9
PX6[*]3-1KG5V
DP3002-E, DP41-E, DP25B-E
0 to 2000 psig
0 to 138
PX6[*]3-2KG5V
DP3002-E, DP41-E, DP25B-E
0 to 3000 psig
0 to 207
PX6[*]3-3KG5V
DP3002-E, DP41-E, DP25B-E
0 to 5000 psig
0 to 345
PX6[*]3-5KG5V
DP3002-E, DP41-E, DP25B-E
0 to 7500 psig
0 to 517
PX6[*]3-7.5KG5V
DP3002-E, DP41-E, DP25B-E
0 to 10,000 psig
0 to 689
PX6[*]3-10KG5V
DP3002-E, DP41-E, DP25B-E
0 to 15,000 psig
0 to 1034
PX6[*]3-15KG5V†
DP3002-E, DP41-E, DP25B-E
0 to 20,000 psig
0 to 1379
PX6[*]3-20KG5V†
DP3002-E, DP41-E, DP25B-E



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com