Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

975 Datasheet(PDF) 1 Page - Koelner Rawlplug IP

Part # 975
Description  Threaded rods DIN 975
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAWLPLUG [Koelner Rawlplug IP]
Direct Link  https://rawlplug.com/global/en
Logo RAWLPLUG - Koelner Rawlplug IP

975 Datasheet(HTML) 1 Page - Koelner Rawlplug IP

  975 Datasheet HTML 1Page - Koelner Rawlplug IP 975 Datasheet HTML 2Page - Koelner Rawlplug IP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WIRE PRODUCTS
www.rawlplug.com
1
Threaded rods DIN 975
Threaded rods are designed for connecting threaded components. Finished in zinc elec­
troplated coating for enhanced corrosion resistance
Product information
Features and benefits
• [English]: Każdy pręt posiada etykietę z kodem
EAN
• Available in zinc plated and stainless steel ver­
sions
• [English]: Wykończone powłoką ocynku galwa­
nicznego dla większej odporności na korozję
• Material: Electroplated steel Class 4.8
• Available in 1 or 2 meters length
Applications
• Balustrading
• General wood joints
• Steelwork
• Steel constructions
• Steel studs, Carbon steel class
5.8
• Timber constructions


Similar Part No. - 975

ManufacturerPart #DatasheetDescription
logo
Fluke Corporation
975 FLUKE-975 Datasheet
564Kb / 2P
Fluke 975 AirMeter??Five powerful tools in one, with simple one-touch air velocity
logo
WECO ELECTRICAL CONNECT...
975 WECO-975 Datasheet
91Kb / 1P
PCB connector Screw connection 45°-angle to PCB
11.17
logo
WERMA Signaltechnik Gmb...
975 840 01 WERMA-975 840 01 Datasheet
780Kb / 6P
The complete Signal Tower Solution
975 840 02 WERMA-975 840 02 Datasheet
780Kb / 6P
The complete Signal Tower Solution
975 840 03 WERMA-975 840 03 Datasheet
780Kb / 6P
The complete Signal Tower Solution
More results

Similar Description - 975

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
4052098411 FAIR-RITE-4052098411 Datasheet
1Mb / 3P
Rods
4052111011 FAIR-RITE-4052111011 Datasheet
1Mb / 3P
Rods
4052195211 FAIR-RITE-4052195211 Datasheet
1Mb / 3P
Rods
4061276011 FAIR-RITE-4061276011 Datasheet
1Mb / 3P
Rods
4077272011 FAIR-RITE-4077272011 Datasheet
1Mb / 3P
Rods
4077276011 FAIR-RITE-4077276011 Datasheet
1Mb / 3P
Rods
4077374711 FAIR-RITE-4077374711 Datasheet
1Mb / 3P
Rods
4077375411 FAIR-RITE-4077375411 Datasheet
1Mb / 3P
Rods
4077485111 FAIR-RITE-4077485111 Datasheet
1Mb / 3P
Rods
4061272011 FAIR-RITE-4061272011 Datasheet
1Mb / 3P
Rods
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com