Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS521WT Datasheet(PDF) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # BAS521WT
Description  High Voltage Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

BAS521WT Datasheet(HTML) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  BAS521WT Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. BAS521WT Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. BAS521WT Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. BAS521WT Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Characteristics at Ta = 25
℃
Parameter
Symbol
Min.
Max.
Unit
Forward Voltage
at IF = 100 mA
VF
-
1.1
V
Reverse Breakdown Voltage
at IR = 100 µA
V(BR)R
300
-
V
Reverse Current
at VR = 250 V
IR
-
150
nA
Reverse Recovery Time
at IF = IR = 30 mA, RL = 100 Ω, irr = 0.1 IR
trr
-
50
ns
Total Capacitance
at VR = 0 V, f = 1 MHz
CT
-
5
pF
2
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com