Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS-HD30-R Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # PS-HD30-R
Description  Crimp Type (2.54mm Pitch, Original Connector)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

PS-HD30-R Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  PS-HD30-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. PS-HD30-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. PS-HD30-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PS-HD30-R
Features
Board to wire connector, crimp type, 2.54mm pitch, 2 rows, 30 pos., Clamp hood
Part Number
PS-HD30-R
Status
Pending Obsolescence
Number of Positions
30 pos.
Contact Pitch (mm)
  
Rated Current (A)
  
Connector Type
Accessory
Connector Style
  
Contact Type
  
Wire Termination Style
  
PCB Mounting Method
  
Number of Rows
  
Recommended PCB Thickness
(mm)
  
Applicable Cable Conductive
Area (mm2)
  
Applicable Wire Insulation
Diameter (mm)
  
Product Details


Similar Part No. - PS-HD30-R

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
PS-HD34-R JAE-PS-HD34-R Datasheet
56Kb / 3P
Crimp Type (2.54mm Pitch, Original Connector)
More results

Similar Description - PS-HD30-R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
CDB-25PF HIROSE-CDB-25PF Datasheet
272Kb / 6P
CD CRIMP TYPE CONNECTOR
logo
Allegro MicroSystems
BJ159AC-201 ALLEGRO-BJ159AC-201 Datasheet
56Kb / 1P
RED INDICATES ORIGINAL
logo
List of Unclassifed Man...
DR-CBBJR79A ETC2-DR-CBBJR79A Datasheet
56Kb / 1P
RED INDICATES ORIGINAL
logo
OSRAM GmbH
3156 OSRAM-3156 Datasheet
127Kb / 4P
Original spare parts
64185W12VSV8 OSRAM-64185W12VSV8 Datasheet
124Kb / 4P
Original spare parts
6413621W12VB OSRAM-6413621W12VB Datasheet
122Kb / 4P
Original spare parts
6415055W12VP OSRAM-6415055W12VP Datasheet
132Kb / 4P
Original spare parts
CLKH1EURO OSRAM-CLKH1EURO Datasheet
85Kb / 3P
Original spare parts
CLKH424V OSRAM-CLKH424V Datasheet
111Kb / 3P
Original spare parts
logo
List of Unclassifed Man...
3-0258 ETC-3-0258 Datasheet
289Kb / 1P
RED INDICATES ORIGINAL
REV.K
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com