Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV10F2T0SS334 Datasheet(PDF) 3 Page - E-SWITCH

Part # PV10F2T0SS334
Description  PV10 Series Anti-vandal Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PV10F2T0SS334 Datasheet(HTML) 3 Page - E-SWITCH

  PV10F2T0SS334 Datasheet HTML 1Page - E-SWITCH PV10F2T0SS334 Datasheet HTML 2Page - E-SWITCH PV10F2T0SS334 Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.e-switch.com
800.867.2717
3
XXX Series
PV10 Series Anti-vandal Switch
Actuator Options
Non-Illuminated
SPDT Schematic
Schematics
DPDT Schematic
Panel Cutout
Ring Illuminated
Dot Illuminated
SHEET OF
2
2
PV10 Catalog Drawing 8/14/2018
NON-ILLUMINATED
ILLUMINATED
1
3
1
3
(-)
2
4
2
4
(+)
1
3
1
3
2
4
2
4
DPDT
CONTACT CONFIGURATION
2
4
(+)
1
3
(-)
1
3
2
4
SPDT
CONTACT CONFIGURATION
NON-ILLUMINATED
ILLUMINATED
NON-ILLUMINATED
46.00
[1.811 in]
35.20
[1.386 in]
27.00
[1.063 in]
46.00
[1.811 in]
35.20
[1.386 in]
RING
ILLUMINATED
9.00
[.354 in]
46.00
[1.811 in]
DOT
ILLUMINATED
35.20
[
1.386 in]
40.00
- .00
.20
+
1.575 -.000
.008
+
in
[
]
PANEL THICKNESS
1 - 5mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com