Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VFF5 Datasheet(PDF) 2 Page - IDEAL INDUSTRIES, INC.

Part # VFF5
Description  Fiber Optic Visual Fault Finder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEAL-INDUSTRIES [IDEAL INDUSTRIES, INC.]
Direct Link  https://www.idealindustries.com/us/en.html
Logo IDEAL-INDUSTRIES - IDEAL INDUSTRIES, INC.

VFF5 Datasheet(HTML) 2 Page - IDEAL INDUSTRIES, INC.

  VFF5 Datasheet HTML 1Page - IDEAL INDUSTRIES, INC. VFF5 Datasheet HTML 2Page - IDEAL INDUSTRIES, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IDEAL INDUSTRIES, INC.
Becker Place, Sycamore, IL 60178, USA / 815-895-5181 • 800-435-0705 in USA
33 Fuller Road, Ajax, Ontario L1S 2E1, Canada / 905-683-3400 • 800-527-9105 in Canada
Level 6, 75-85 Elizabeth Street, Sydney NSW 2000 Australia / 61300 765 800 / 61405 123 100 (Mobile)
225 Europa Boulevard, Gemini Business Park, Warrington, Cheshire, WA5 7TN, UK / +44-(0) 1925 444446
Gutenbergstrasse 10, 85737 Ismaning, Germany / +49-(0) 89 996860
Unit 911, Tower W1, The Towers, Oriental Plaza, No. 1 East Chang An Avenue, Dong Cheng District
Beijing, 100738, China / Ph: 86-10-8518-3141
Room 1401, Finance Square, 333 Jiujiang Road, Shanghai 2000001, China / 86-21-6360-7045
Av. Major Sylvio de M. Padilha, 5200, Bloco F, Cj 201 CEP – 05677-000 São Paulo - SP - Brazil / +55-11-3759-8777
Parque Intermex, Periferico Sur 7999 A, Tlaquepaque, Jalisco, Mexico, c.p. 45601 / 33-37702320
www.idealindustries.com
03/05
Printed in U.S.A.
Form No. P-2232
©2005 IDEAL INDUSTRIES, INC.
A hand-held, battery-powered tool, the VFF projects a highly visible red light into a fiber
optic cable. The operator simply looks at the length of cable and where light is seen, there
is a break. The VFF is equipped with a high-power, extra long-life, 650nm laser diode
which operates either in Continuous (CW) or Modulated (MOD; 1Hz Pulse) mode. A push
button allows the user to select the mode while preventing accidental operation. Any
breaks will be seen as a conspicuously glowing or blinking red light area (in 3mm or
smaller cables). A red LED on the outer case echoes the operation mode selected.
The VFF is useful over a distance of approximately 3km (2.3mi) into multimode fiber and
4km (2.5mi) into single mode fiber and can be used with single-mode and multimode
cable. Use it as a stand-alone first-line basic troubleshooting tool, or in conjunction with
an OTDR to pinpoint faults. The unit is packaged in a pocket-sized, rugged metal housing
and is fitted with 2.5 mm universal connector that accepts ST, SC and FC optical
connectors. The VFF is also an excellent aide to technicians terminating mechanical
splices or internal-splice style connectors where leaking light is an indicator of a poor
fiber cleave or other misalignment.
Advanced fiber optic testing and troubleshooting capabilities are available with the
FIBERTEK and TRACETEK accessory modules for the LANTEK 6/7G cable certifiers.
FIBERTEK certifies fiber installations by measuring the attenuation and length of a
pair of fibers simultaneously and generating printed certification reports. TRACETEK
graphical display pinpoints faulty connectors and breaks in fiber optic cables at a
fraction of the price of an OTDR.
Specifications subject to change without notice.
Fiber Optic Visual Fault Finder
Specifications (at 23°C ±3°C, <70% RH)
VFF5
Class II laser diode
650nm/±10nm
<5nm
Continuous in CW mode 600ms
in 1Hz modulation mode
Operation: -10°C to +50°C,0 to 95%RH
(non-condensing)
-20°C to +80°C, 0 to 95%RH
(non-condensing)
Two 1.5V AA Alkaline batteries
Length: 203mm with ST dust cap
Diameter: 22mm
Approximate weight: 230g
2.5mm universal
>80 hours
0.30lbs/136g
8.7in/220mm
1.25in/32mm
Includes holster, integrated rubber port cover,
lanyard, cell-phone style belt clip, instruction
sheet and batteries
Catalog number:
Light source:
Central wavelength:
Spectral width (FWHM):
Laser light
pulse duration:
Environment:
Storage:
Power supply:
Dimension and weight
(w/ batteries):
Connector:
Battery life:
Weight (w/o batteries):
Length:
Diameter:
Included Accessories:
Protective cap
Indicator light
On/off button
Non-slip
Santoprene®
Two AA battery
compartment
Steady/pulse
button
Nylon
carrying case
Lanyard
Cell-phone
style belt clip
Other IDEAL Fiber Optic Products:
Cat. No.
45-332
45-352
45-344
45-357 Ruby
45-358 Sapphire
45-359 Carbide
Description
Fiber Inspection Microscope
MiniLite-Strip Optical Fiber Stripper
Serrated Kevlar® Cutter
DualScribe™ Double-Ended Scribe
Cushion grip and reversible blade
offers extended life and comfort
Fiber Inspection Microscope –
the perfect companion tool for
the Visual Fault Finder



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com