Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVB72015 Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # EVB72015
Description  433MHz FSK/ASK Transmitter Evaluation Board Description
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

EVB72015 Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  EVB72015 Datasheet HTML 1Page - Melexis Microelectronic Systems EVB72015 Datasheet HTML 2Page - Melexis Microelectronic Systems EVB72015 Datasheet HTML 3Page - Melexis Microelectronic Systems EVB72015 Datasheet HTML 4Page - Melexis Microelectronic Systems EVB72015 Datasheet HTML 5Page - Melexis Microelectronic Systems EVB72015 Datasheet HTML 6Page - Melexis Microelectronic Systems EVB72015 Datasheet HTML 7Page - Melexis Microelectronic Systems EVB72015 Datasheet HTML 8Page - Melexis Microelectronic Systems EVB72015 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
EVB72015
433MHz FSK/ASK Transmitter
Evaluation Board Description
39012 72015 01
Page 2 of 14
EVB Description
Rev. 007
June/07
Document Content
1
Theory of Operation ...................................................................................................3
1.1
General ............................................................................................................................. 3
1.2
Block Diagram .................................................................................................................. 3
2
Functional Description ..............................................................................................3
2.1
Crystal Oscillator .............................................................................................................. 3
2.2
FSK Modulation ................................................................................................................ 4
2.3
Crystal Pulling................................................................................................................... 4
2.4
ASK Modulation ................................................................................................................ 5
2.5
Output Power Selection .................................................................................................... 5
2.6
Lock Detection .................................................................................................................. 5
2.7
Low Voltage Detection...................................................................................................... 5
2.8
Mode Control Logic .......................................................................................................... 6
2.9
Timing Diagrams .............................................................................................................. 6
3
Antenna Board Circuit Diagram ................................................................................7
3.1
Board Component Values to Fig. 6 .................................................................................. 7
3.2
Antenna Board PCB Top View ......................................................................................... 8
3.3
Board Connection ............................................................................................................. 8
4
50
Ω Connector Board Circuit Diagram.....................................................................9
4.1
Board Component Values to Fig. 7 .................................................................................. 9
4.2
50
Ω Connector Board PCB Top View ............................................................................ 10
4.3
Board Connection ........................................................................................................... 10
5
Evaluation Board Layouts .......................................................................................11
5.1
Antenna Board................................................................................................................ 11
5.2
PCB Loop Antenna Dimensions ..................................................................................... 11
5.3
Connector Board ............................................................................................................ 12
6
Board Variants..........................................................................................................12
7
Package Description ................................................................................................13
7.1
Soldering Information ..................................................................................................... 13
7.2
Recommended PCB Footprints ...................................................................................... 13
8
Disclaimer .................................................................................................................14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com