Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB1801 Datasheet(PDF) 3 Page - STMicroelectronics

Part # MB1801
Description  STM32WL3x Nucleo-64 boards
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MB1801 Datasheet(HTML) 3 Page - STMicroelectronics

  MB1801 Datasheet HTML 1Page - STMicroelectronics MB1801 Datasheet HTML 2Page - STMicroelectronics MB1801 Datasheet HTML 3Page - STMicroelectronics MB1801 Datasheet HTML 4Page - STMicroelectronics MB1801 Datasheet HTML 5Page - STMicroelectronics MB1801 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1.2
Codification
The meaning of the codification is explained in Table 2.
Table 2. Codification explanation
NUCLEO-XXYYZTN
Description
Example: NUCLEO-WL33CC1
XX
MCU series in STM32 32-bit Arm Cortex MCUs
STM32WL series
YY
MCU product line in the series
STM32WL3x product line
Z
STM32 package pin count:
•
C for 48 pins
48 pins
T
STM32 flash memory size:
•
C for 256 Kbytes
256 Kbytes
N
Frequency band:
•
1: 826
‑958 MHz high-frequency band
•
2: 413
‑479 MHz low-frequency band
High-frequency band
NUCLEO-WL33CC1 NUCLEO-WL33CC2
Ordering information
DB5352 - Rev 2
page 3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com