Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32WL
Description  STM32WL3x Nucleo-64 boards
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL Datasheet(HTML) 1 Page - STMicroelectronics

  STM32WL Datasheet HTML 1Page - STMicroelectronics STM32WL Datasheet HTML 2Page - STMicroelectronics STM32WL Datasheet HTML 3Page - STMicroelectronics STM32WL Datasheet HTML 4Page - STMicroelectronics STM32WL Datasheet HTML 5Page - STMicroelectronics STM32WL Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
Ultra-low-power wireless STM32WL33CCV6 microcontroller based on the
Arm® Cortex®
‑M0+ core, with 256 Kbytes of flash memory and 32 Kbytes of
SRAM in a VFQFPN48 package featuring:
Ultra-low-power MCU
Sub-GHz transceiver with IPD front end optimized for 413
‑479 MHz or
826
‑958 MHz frequency bands, supporting OOK, ASK, 2(G)FSK,
4(G)FSK, D
‑BPSK, and DSSS modulations
Compatible with proprietary and standardized wireless protocols such as
WM-Bus, Sigfox™, mioty, KNX-RF, and IEEE 802.15.4g
Low-power autonomous wake-up receiver
Delivered with SMA antenna
Three user LEDs
Three user and one reset push-buttons
Board connectors:
USB Type-C®
ARDUINO® Uno V3 expansion connector
ST morpho extension pin headers for full access to all MCU I/Os
Flexible power-supply options: ST-LINK USB VBUS or external sources
On-board STLINK-V3EC debugger/programmer with USB re-enumeration
capability: mass storage, Virtual COM port, and debug port
Comprehensive free software libraries and examples available with the
STM32CubeWL3 MCU Package
Dedicated software tool to control and test radio transceiver
Support of a wide choice of Integrated Development Environments (IDEs)
including IAR Embedded Workbench®, MDK-ARM, and STM32CubeIDE
Description
The STM32WL3x Nucleo-64 boards based on the MB1801 mezzanine board and
MB2029 MCU RF board (NUCLEO-WL33CC1 and NUCLEO-WL33CC2 order codes)
embed the STM32WL33CCV6 sub-GHz application processor. This
high
‑performance and low‑power application processor can operate in 433, 868, and
915 MHz bands.
The ARDUINO® Uno V3 connectivity support and the ST morpho headers provide an
easy means of expanding the functionality of the STM32 Nucleo open development
platform with a wide choice of specialized shields.
The STM32WL3x Nucleo-64 boards are supplied with a dedicated software package,
HAL library, and various packaged software examples available with the
STM32CubeWL3 MCU Package.
The boards are declined in two product variants with dedicated front ends tuned for
specific frequency bands.
NUCLEO-WL33CCx global view.
Picture is not contractual.
Product status link
NUCLEO-WL33CC1
NUCLEO-WL33CC2
STM32WL3x Nucleo-64 boards
NUCLEO-WL33CC1 NUCLEO-WL33CC2
Data brief
DB5352 - Rev 2 - November 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STM32WL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32WL STMICROELECTRONICS-STM32WL Datasheet
329Kb / 2P
The world?셲 first SoC enabling LoRa®, (G)FSK, (G)MSK, BPSK
Dec-2020
STM32WL33C8 STMICROELECTRONICS-STM32WL33C8 Datasheet
4Mb / 91P
Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
13-Nov-2024
STM32WL33C8V STMICROELECTRONICS-STM32WL33C8V Datasheet
4Mb / 91P
Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
13-Nov-2024
STM32WL33C8V6 STMICROELECTRONICS-STM32WL33C8V6 Datasheet
4Mb / 91P
Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
13-Nov-2024
STM32WL33C8V6TR STMICROELECTRONICS-STM32WL33C8V6TR Datasheet
4Mb / 91P
Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
13-Nov-2024
More results

Similar Description - STM32WL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUCLEO-F030R8 ETC2-NUCLEO-F030R8 Datasheet
239Kb / 4P
STM32 Nucleo-64 boards
UM1724 ETC2-UM1724 Datasheet
1Mb / 65P
STM32 Nucleo-64 boards
UM1956 ETC2-UM1956 Datasheet
781Kb / 31P
STM32 Nucleo-32 boards
logo
STMicroelectronics
NUCLEO-F030R8 STMICROELECTRONICS-NUCLEO-F030R8 Datasheet
263Kb / 5P
STM32 Nucleo-64 board
29-Nov-2016
NUCLEO-XXXXRX STMICROELECTRONICS-NUCLEO-XXXXRX Datasheet
406Kb / 6P
STM32 Nucleo-64 boards
December 2017 Rev 10
NUCLEO-L4P5ZG STMICROELECTRONICS-NUCLEO-L4P5ZG Datasheet
1Mb / 8P
STM32 Nucleo-144 boards
26-Nov-2019
NUCLEO-XXXXZX STMICROELECTRONICS-NUCLEO-XXXXZX Datasheet
1Mb / 9P
STM32 Nucleo-144 boards
24-Jun-2021
X-NUCLEO-GFX01M2 STMICROELECTRONICS-X-NUCLEO-GFX01M2 Datasheet
922Kb / 5P
SPI display expansion boards for STM32 Nucleo-64
20-Oct-2021
NUCLEO-XXXXRX STMICROELECTRONICS-NUCLEO-XXXXRX_V01 Datasheet
1Mb / 7P
STM32 Nucleo-64 boards
25-Oct-2020
NUCLEO-XXXXRX STMICROELECTRONICS-NUCLEO-XXXXRX_V02 Datasheet
237Kb / 4P
STM32 Nucleo-64 boards
08-Jul-2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com