Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH72012 Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # TH72012
Description  433MHz ASK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72012 Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  TH72012 Datasheet HTML 1Page - Melexis Microelectronic Systems TH72012 Datasheet HTML 2Page - Melexis Microelectronic Systems TH72012 Datasheet HTML 3Page - Melexis Microelectronic Systems TH72012 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72012 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72012 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72012 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72012 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72012 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TH72012
433MHz
ASK Transmitter
39010 72012
Page 2 of 20
Data Sheet
Rev. 009
July/06
Document Content
1
Theory of Operation ...................................................................................................3
1.1
General ............................................................................................................................. 3
1.2
Block Diagram .................................................................................................................. 3
2
Functional Description ..............................................................................................4
2.1
Crystal Oscillator .............................................................................................................. 4
2.2
ASK Modulation ................................................................................................................ 4
2.3
Crystal Pulling................................................................................................................... 4
2.4
Output Power Selection .................................................................................................... 5
2.5
Lock Detection .................................................................................................................. 5
2.6
Low Voltage Detection...................................................................................................... 5
2.7
Mode Control Logic .......................................................................................................... 6
2.8
Timing Diagrams .............................................................................................................. 6
3
Pin Definition and Description ..................................................................................7
4
Electrical Characteristics ..........................................................................................8
4.1
Absolute Maximum Ratings .............................................................................................. 8
4.2
Normal Operating Conditions ........................................................................................... 8
4.3
Crystal Parameters ........................................................................................................... 8
4.4
DC Characteristics............................................................................................................ 9
4.5
AC Characteristics .......................................................................................................... 10
4.6
Output Power Steps ....................................................................................................... 10
5
Typical Operating Characteristics ..........................................................................11
5.1
DC Characteristics.......................................................................................................... 11
5.2
AC Characteristics .......................................................................................................... 14
6
Test Circuit ...............................................................................................................17
6.1
Test circuit component list to Fig. 18 .............................................................................. 17
7
Package Description ................................................................................................18
7.1
Soldering Information ..................................................................................................... 18
8
Reliability Information..............................................................................................19
9
ESD Precautions ......................................................................................................19
10
Disclaimer .................................................................................................................20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com