Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH72011 Datasheet(PDF) 10 Page - Melexis Microelectronic Systems

Part # TH72011
Description  433MHz FSK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72011 Datasheet(HTML) 10 Page - Melexis Microelectronic Systems

Back Button TH72011 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 9Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 10Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 11Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 12Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 13Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 14Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TH72011
433MHz
FSK Transmitter
39010 72011
Page 10 of 20
Data Sheet
Rev. 008
June /07
4.5
AC Characteristics
all parameters under normal operating conditions, unless otherwise stated;
typical values at TA = 23 °C and VCC = 3 V; test circuit shown in Fig. 18, fc = 433.92 MHz
Parameter
Symbol
Condition
Min
Typ
Max
Unit
CW Spectrum Characteristics
Output power in step 0
(Isolation in off-state)
Poff
ENTX=1
-70
dBm
Output power in step 1
P1
ENTX=1
-13
-12
-10
1)
dBm
Output power in step 2
P2
ENTX=1
-3.5
-3
-1.5
1)
dBm
Output power in step 3
P3
ENTX=1
2
3
4.5
1)
dBm
Output power in step 4
P4
ENTX=1
4.5
8
10
1)
dBm
Phase noise
L(fm)
@ 200kHz offset
-88
-83
dBc/Hz
47MHz< f <74MHz
87.5MHz< f <118MHz
174MHz< f <230MHz
470MHz< f <862MHz
B=100kHz
-54
dBm
f < 1GHz, B=100kHz
-36
dBm
Spurious emissions according
to EN 300 220-1 (2000.09)
table 13
Pspur
f > 1GHz, B=1MHz
-30
dBm
Start-up Parameters
Start-up time
ton
from standby to
transmit mode
0.8
1.2
ms
Frequency Stability
Frequency stability vs. supply
voltage
dfVCC
±3
ppm
Frequency stability vs. tem-
perature
dfTA
crystal at constant
temperature
±10
ppm
Frequency stability vs. varia-
tion range of CRO
dfCRO
±20
ppm
1) output matching network tuned for 5V supply
4.6
Output Power Steps
Power step
0
1
2
3
4
RPS / k
Ω
< 3
22
56
120
not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com