Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH72011KDC Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # TH72011KDC
Description  433MHz FSK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72011KDC Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button TH72011KDC Datasheet HTML 3Page - Melexis Microelectronic Systems TH72011KDC Datasheet HTML 4Page - Melexis Microelectronic Systems TH72011KDC Datasheet HTML 5Page - Melexis Microelectronic Systems TH72011KDC Datasheet HTML 6Page - Melexis Microelectronic Systems TH72011KDC Datasheet HTML 7Page - Melexis Microelectronic Systems TH72011KDC Datasheet HTML 8Page - Melexis Microelectronic Systems TH72011KDC Datasheet HTML 9Page - Melexis Microelectronic Systems TH72011KDC Datasheet HTML 10Page - Melexis Microelectronic Systems TH72011KDC Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TH72011
433MHz
FSK Transmitter
39010 72011
Page 7 of 20
Data Sheet
Rev. 008
June /07
3
Pin Definition and Description
Pin No.
Name
I/O Type
Functional Schematic
Description
1
FSKDTA
input
1.5k
Ω
1
0: ENTX=1
1: ENTX=0
FSKDTA
FSK data input,
CMOS compatible with op-
eration mode dependent
pull-up circuit
TX standby: no pull-up
TX active: pull-up
2
FSKSW
analog I/O
FSKSW
2
XOSC FSK pulling pin,
MOS switch
3
ROI
analog I/O
ROI
3
36p
36p
25k
XOSC connection to XTAL,
Colpitts type crystal oscilla-
tor
4
ENTX
input
ENTX
4
1.5k
Ω
mode control input,
CMOS-compatible with in-
ternal pull-down circuit
5
PSEL
analog I/O
PSEL
5
1.5k
Ω
PSEL
I
power select input, high-
impedance comparator logic
TX standby: IPSEL = 0
TX active: IPSEL = 8µA
6
VCC
supply
positive power supply
7
OUT
output
OUT
7
VEE
VEE
VCC
power amplifier output,
open collector
8
VEE
ground
negative power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com