Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP1006-BD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XP1006-BD
Description  8.5-11.0 GHz GaAs MMIC Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1006-BD Datasheet(HTML) 2 Page - Mimix Broadband

  XP1006-BD Datasheet HTML 1Page - Mimix Broadband XP1006-BD Datasheet HTML 2Page - Mimix Broadband XP1006-BD Datasheet HTML 3Page - Mimix Broadband XP1006-BD Datasheet HTML 4Page - Mimix Broadband XP1006-BD Datasheet HTML 5Page - Mimix Broadband XP1006-BD Datasheet HTML 6Page - Mimix Broadband XP1006-BD Datasheet HTML 7Page - Mimix Broadband XP1006-BD Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page 2 of 8
8.5-11.0 GHz GaAs MMIC
Power Amplifier
Mimix Asia, Inc. (a subsidiary of Mimix Broadband, Inc.)
3F, 3-2 Industry East IX Road, Science-Based Industrial Park • Hsinchu, Taiwan, R.O.C
Tel +886-3-567-9680 • Fax +886-3-567-9433 • mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
August 2007 - Rev 03-Aug-07
P1006-BD
Power Amplifier Measurements (Pulsed Mode F=10kHz, Duty Cycle=10%,TA=25ºC)
Large signal Gain (Vd=8V, Vgg=-5V, Ps=19dBm)
12
14
16
18
20
22
24
8
8.5
9
9.5
10
10.5
11
Frequency [GHz]
Input return loss (Vd=8V, Vgg =-5V)
-30
-25
-20
-15
-10
-5
0
8.0
8.5
9.0
9.5
10.0
10.5
11.0
Frequency [GHz]
Reverse Isolation (Vd =8V, Vgg =-5V)
-120
-100
-80
-60
-40
-20
0
8.0
8.5
9.0
9.5
10.0
10.5
11.0
Frequency [GHz]
Output return loss (Vd=8V, Vgg =-5V)
-30
-25
-20
-15
-10
-5
0
8.0
8.5
9.0
9.5
10.0
10.5
11.0
Frequency [GHz]
Large signal Gain
15
16
17
18
19
20
21
22
8
8.5
9
9.5
10
10.5
11
Frequency [GHz]
10°C
30°C
50°C
70°C
90°C
Large signal gain vs drain voltage (Vgg=-5V)
16
17
18
19
20
21
22
23
8
8.5
9
9.5
10
10.5
11
Frequency [GHz]
6V, Ps=18dBm
7V, Ps=18dBm
8V, Ps=19dBm
9V, Ps=19dBm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com