Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P093CE Datasheet(PDF) 3 Page - TT Electronics.

Part # P093CE
Description  Panel Potentiometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

P093CE Datasheet(HTML) 3 Page - TT Electronics.

  P093CE Datasheet HTML 1Page - TT Electronics. P093CE Datasheet HTML 2Page - TT Electronics. P093CE Datasheet HTML 3Page - TT Electronics. P093CE Datasheet HTML 4Page - TT Electronics. P093CE Datasheet HTML 5Page - TT Electronics. P093CE Datasheet HTML 6Page - TT Electronics. P093CE Datasheet HTML 7Page - TT Electronics. P093CE Datasheet HTML 8Page - TT Electronics. P093CE Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Panel Potentiometer
Model P09x Series
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | BI Technologies
413 Rood RD, Suite 7
Calexico, CA 92231
Ph: + 1 (714) 447-2345
www.ttelectronics.com
Rev - 04/2021 Page 3
Total Resistance
See Resistance table below
Resistance Taper
A = Audio (15A)
B = Linear (1B)
C = Rev. Audio (15C)
D = Audio (10A)
(see Note 3)
Shaft Length - L
10 = 10mm
15 = 15mm
17 = 17.5mm
20 = 20mm
25 = 25mm
30 = 30mm
35 = 35mm
(See Note 1)
Full CCW Position
A = 300°
B = 120°
C = 30°
D = 210°
(see Note 2)
Ordering Information
P09
1
N
E
A
20
B
10K
-
R
Part Family
9mm Rotary
Number of Gangs
x = x gangs
1 = single gang
to
8 = 8 gangs (maximum)
Model Style
Omit = Side Adjust
5 = Top Adjust (1-2 gang)
Switch type
N = No switch
S = Rotary switch
M = Momentary switch
P = Push-Lock (1-2 gang)
C = Concentric Shaft (2 or 4 gang only)
T = Center Tap (2 gang only)
Number of Detents
Omit = No detent
1 = Center only
2 = 11
3 = 21
4 = 41
Shaft Type
E = Slotted
F = Flatted
Q = Split knurled
(see Note 1)
Resistance table
Resistance (Ohms)
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000 1,000,000
Code
1K
2K
5K
10K
20K
50K
100K
200K
500K
1MEG



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com