Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP1011-BD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XP1011-BD
Description  36.0-40.0 GHz GaAs MMIC Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1011-BD Datasheet(HTML) 2 Page - Mimix Broadband

  XP1011-BD Datasheet HTML 1Page - Mimix Broadband XP1011-BD Datasheet HTML 2Page - Mimix Broadband XP1011-BD Datasheet HTML 3Page - Mimix Broadband XP1011-BD Datasheet HTML 4Page - Mimix Broadband XP1011-BD Datasheet HTML 5Page - Mimix Broadband XP1011-BD Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Velocium Products
18 - 20 GHz HPA
- APH478
Power Amplifier Measurements
Page 2 of 6
Measured Perfor mance Characteristics (Typical Perfor mance at 25°C)
Vd1 = Vd2 = Vd3 = 5 V, Id 1 = 100 mA, Id2 = Id3 = 270 mA
15
20
25
30
35
40
45
36
37
38
39
40
41
Frequency (GHz)
P1dB
IP3
14
16
18
20
22
24
26
28
36
37
38
39
40
41
Frequency (GHz)
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
36
37
38
39
40
41
Frequency (GHz)
-40
-36
-32
-28
-24
-20
-16
-12
-8
-4
0
36
37
38
39
40
41
Frequency (GHz)
36.0-40.0 GHz GaAs MMIC
Power Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
April 2007 - Rev 19-Apr-07
P1011-BD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com