Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP1015-BD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XP1015-BD
Description  43.5-46.5 GHz GaAs MMIC Power Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1015-BD Datasheet(HTML) 2 Page - Mimix Broadband

  XP1015-BD Datasheet HTML 1Page - Mimix Broadband XP1015-BD Datasheet HTML 2Page - Mimix Broadband XP1015-BD Datasheet HTML 3Page - Mimix Broadband XP1015-BD Datasheet HTML 4Page - Mimix Broadband XP1015-BD Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Power Amplifier Measurements
43.5-46.5 GHz GaAs MMIC
Power Amplifier
Page 2 of 5
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
Frequency (GHz)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
25
25.5
26
26.5
27
27.5
28
28.5
29
29.5
30
30.5
31
31.5
32
32.5
33
43.4
43.5
43.6
43.7
43.8
43.9
44
44.1
44.2
44.3
44.4
44.5
44.6
freq (GHz)
0475, DeviceCoord=R10C3
0475, DeviceCoord=R10C4
0475, DeviceCoord=R10C5
0475, DeviceCoord=R10C6
0475, DeviceCoord=R10C7
0475, DeviceCoord=R10C8
0475, DeviceCoord=R11C2
0475, DeviceCoord=R11C4
0475, DeviceCoord=R11C6
0475, DeviceCoord=R11C8
0475, DeviceCoord=R12C2
0475, DeviceCoord=R12C5
0475, DeviceCoord=R12C7
0475, DeviceCoord=R13C4
0475, DeviceCoord=R13C5
0475, DeviceCoord=R13C7
0475, DeviceCoord=R9C2
0475, DeviceCoord=R9C3
0475, DeviceCoord=R9C4
0475, DeviceCoord=R9C5
0475, DeviceCoord=R9C6
0475, DeviceCoord=R9C7
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2007 - Rev 10-Aug-07
P1015-BD
XO1015-BD_wafer sweep: Pout vs. Freq at Pin=22 dBm
S parameters XP1015-BD wafer sweep



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com