Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISB35000 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ISB35000
Description  HCMOS STRUCTURED ARRAY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISB35000 Datasheet(HTML) 1 Page - STMicroelectronics

  ISB35000 Datasheet HTML 1Page - STMicroelectronics ISB35000 Datasheet HTML 2Page - STMicroelectronics ISB35000 Datasheet HTML 3Page - STMicroelectronics ISB35000 Datasheet HTML 4Page - STMicroelectronics ISB35000 Datasheet HTML 5Page - STMicroelectronics ISB35000 Datasheet HTML 6Page - STMicroelectronics ISB35000 Datasheet HTML 7Page - STMicroelectronics ISB35000 Datasheet HTML 8Page - STMicroelectronics ISB35000 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ISB35000 SERIES
HCMOS STRUCTURED ARRAY
PRELIMINARY DATA
FEATURES
0.5 micron triple layer metal HCMOS process
featuring retrograde well technology, low
resistance salicided active areas, polysilicide
gates and thin metal oxide.
3.3 V optimized transistor with 5 V I/O interface
capability
2 - input NAND delay of 0.210 ns (typ) with
fanout = 2.
Broad I/O functionality including LVCMOS,
LVTTL, GTL, PECL, and LVDS.
High drive I/O; capability of sinking up to 48 mA
with slew rate control, current spike suppression
and impedance matching.
Metallised generators to support SPRAM and
DPRAM, plus an extensive embedded function
library.
Combines Standard Cell Features with Sea of
Gates time to market.
May 1994
F ully independent power an d gr oun d
configurations for inputs, core and outputs.
Programmable I/O ring capability up to 1000
pads.
Output buffers capable of driving ISA, EISA,
PCI, MCA, and SCSI interface levels.
Active pull up and pull down devices.
Buskeeper I/O functions.
Oscillators for wide frequency spectrum.
Broad range of 400 SSI cells.
300 element macrofunction library.
Design For Test includes LSSD macro library
option and IEEE 1149.1 JTAG Boundary Scan
architecture built in.
Cadence and Mentor based design system with
interfaces from multiple workstations.
Broad ceramic and plastic package range.
Latchup trigger current +/- 500 mA.
ESD protection +/- 4000 volts.
Internal
Device Name
Total Sites
1
Estimated
2
Gates
Total Usable
3
Gates
Maximum
4
Device Pads
Maximum
5
I/O
ISB35083
124,416
82,944
58,060
188
172
ISB35130
194,400
129,600
90,720
232
216
ISB35166
249,696
166,464
116,524
260
244
ISB35208
311,904
207,936
145,555
288
272
ISB35279
418,176
278,784
195,148
332
316
ISB35389
584,064
389,376
253,094
388
372
ISB35484
726,624
484,416
314,870
432
416
ISB35666
998,784
665,856
399,513
504
488
ISB35832
1,247,616
831,744
499,046
560
544
Notes : 1. Internal sites is based on the number of placement sites available to the route and place software
2. A factor of 1.5 is used to derive the gate complexity from the total available sites. This number is in Nand2 equivalents
3. Factors of 70%, 65%, and 60% have been used to calculate the routing efficiency. This number may vary depending on the
design.
4. 16 corner pads are dedicated to internal and external power supplies. I/O pads may be configured for additional power.
5. Maximum I/O = total device pads minus power pads.
Table 1. Product range
1/15


Similar Part No. - ISB35000

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ISB35 ISOCOM-ISB35 Datasheet
78Kb / 2P
Telecommunications
More results

Similar Description - ISB35000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX5000 ETC1-CX5000 Datasheet
92Kb / 6P
0.18um Structured ASIC
logo
AMI SEMICONDUCTOR
X2P360 AMI-X2P360 Datasheet
157Kb / 2P
0.15關m Structured ASIC
X2P376 AMI-X2P376 Datasheet
1,022Kb / 14P
0.15mm Structured ASIC
logo
California Eastern Labs
NX5530SA CEL-NX5530SA Datasheet
184Kb / 5P
1 550 nm Multiple Quantum Well (MQW) structured
logo
Crystek Corporation
C33XX CRYSTEKCRYSTAL-C33XX_15 Datasheet
66Kb / 2P
HCMOS
CCHD-950 CRYSTEKCRYSTAL-CCHD-950_15 Datasheet
271Kb / 2P
HCMOS
logo
Pan Jit International I...
QR1006F-AU PANJIT-QR1006F-AU Datasheet
303Kb / 6P
PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
QRT8A06 PANJIT-QRT8A06 Datasheet
775Kb / 8P
PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
QRT10A06 PANJIT-QRT10A06 Datasheet
626Kb / 7P
PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
QRT812 PANJIT-QRT812 Datasheet
688Kb / 7P
PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com