Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP1017-BD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XP1017-BD
Description  30.0-36.0 GHz GaAs MMIC Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1017-BD Datasheet(HTML) 2 Page - Mimix Broadband

  XP1017-BD Datasheet HTML 1Page - Mimix Broadband XP1017-BD Datasheet HTML 2Page - Mimix Broadband XP1017-BD Datasheet HTML 3Page - Mimix Broadband XP1017-BD Datasheet HTML 4Page - Mimix Broadband XP1017-BD Datasheet HTML 5Page - Mimix Broadband XP1017-BD Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6
Power Amplifier Measurements
30.0-36.0 GHz GaAs MMIC
Power Amplifier
20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
F re quency (G Hz)
XP1017-BD_S21
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
DB( |S[ 2, 1]|)
All So urc es
20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
Fre quency ( G Hz )
XP1017-BD_S12
-1 00
-9 5
-9 0
-8 5
-8 0
-7 5
-7 0
-6 5
-6 0
-5 5
-5 0
-4 5
-4 0
-3 5
-3 0
-2 5
-2 0
-1 5
-1 0
-5
0
DB( |S[ 1 , 2]|)
All So urc es
20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
Fre quency (G Hz)
XP1017-BD_S11
-40
-38
-36
-34
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
DB (|S [1 , 1 ]|)
All So urc e s
20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
Fre quency (G Hz)
XP1017-BD_S22
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
D B (|S [2, 2]|)
All Sou rc e s
XP1017-BD P1dB
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
Frequenc y GHz
XP1017-BD, A verage IM3, 4.5V, 110mA, +15dB m p er tone
24
26
28
30
32
34
36
38
40
42
29
30
31
32
33
34
35
36
37
Fr eque nc y, G Hz
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2007 - Rev 09-Aug-07
P1017-BD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com