Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2F Datasheet(PDF) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # ES2F
Description  2.0Amp Super Fast Recovery Surface Mounted Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

ES2F Datasheet(HTML) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  ES2F Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. ES2F Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-55 to +150
500
Maximum repetitive peak reverse voltage
260 C/10 seconds at terminals
Single phase half-wave 60Hz,resistive or inductive load,
V
V
V
SYMBOLS
UNITS
A
A
V
VRRM
VRMS
VDC
I(AV)
IFSM
VF
2.0
50.0
Operating junction and storage temperature range
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=100 C
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
Maximum instantaneous forward voltage at 2.0A
Maximum DC reverse current
T A =25 C
at rated DC blocking voltage
TA=125 C
Typical junction capacitance (Note2)
Note:
IR
5.0
RqJA
CJ
TJ,TSTG
85.0
55.0
pF
C
A
u
Typical thermal resistance
C/W
Ratings at 25 C ambient temperature unless otherwise specified.
ES2D
ES2F
ES2G
200
140
200
400
280
400
600
420
600
Case : Molded plastic body
Terminals : Solder plated, solderable per MIL-STD-750,Method 2026
Polarity : Polarity symbol marking on body
Mounting Position : Any
Weight : 0.0035 ounce, 0.098 grams
for capacitive load current derate by 20%.
Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Idea for printed circuit board
Glass passivated Junction chip
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed
Mechanical Data
Maximum Ratings And Electrical Characteristics
ES2A~ES2J
1.25
ES2J
1.Reverse recovery time test condition: IF=0.5A IR=1.0A Irr=0.25A
2.0Amp Super Fast Recovery Surface Mounted Rectifiers
ES2C
100
70
100
ES2B
50
35
50
ES2A
Parameter
Maxinum reverse recovery time(Note 1)
Trr
35
ns
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
0.95
1.7
300
210
300
150
105
150
DO-214AA/SMB
Dimensions in inches and (millimeters)
0.087 (2.20)
0.071 (1.80)
0.180(4.57)
0.160(4.06)
0.155(3.94)
0.130(3.30)
0.060(1.52)
0.030(0.76)
0.220(5.59)
0.200(5.08)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
0.096(2.44)
0.084(2.13)


Similar Part No. - ES2F

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ES2F GE-ES2F Datasheet
81Kb / 2P
SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER
logo
List of Unclassifed Man...
ES2F ETC1-ES2F Datasheet
51Kb / 2P
2.0 AMPS. Super Fast Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
ES2F TSC-ES2F Datasheet
247Kb / 2P
2.0 AMPS. Surface Mount Super Fast Rectifiers
ES2F TSC-ES2F Datasheet
56Kb / 2P
2.0 AMPS. Super Fast Surface Mount Rectifiers
logo
TAITRON Components Inco...
ES2F TAITRON-ES2F Datasheet
229Kb / 4P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
More results

Similar Description - ES2F

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
FR201 TAK_CHEONG-FR201 Datasheet
103Kb / 2P
2.0AMP. Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201 Datasheet
186Kb / 2P
2.0AMP Fast Recovery Rectifiers
SF21 SECOS-SF21 Datasheet
417Kb / 2P
2.0AMP Super Fast Rectifiers
SUF201A SECOS-SUF201A Datasheet
236Kb / 2P
2.0AMP Surface Mount Super Fast Recovery Rectifiers
SUF201B SECOS-SUF201B Datasheet
203Kb / 2P
2.0AMP Surface Mount Super Fast Recovery Rectifiers
ES21B SECOS-ES21B Datasheet
331Kb / 2P
2.0Amp Super Fast Recovery Rectifiers
ES21B SECOS-ES21B_15 Datasheet
331Kb / 2P
2.0Amp Super Fast Recovery Rectifiers
logo
DIYI Electronic Technol...
FR2A DYELEC-FR2A Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
FR2AN DYELEC-FR2AN Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
FR201 LUGUANG-FR201 Datasheet
1Mb / 2P
2.0AMP. Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com