Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3F Datasheet(PDF) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # ES3F
Description  3.0Amp Super Fast Recovery Surface Mounted Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

ES3F Datasheet(HTML) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  ES3F Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. ES3F Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES3F
-55 to +150
200
Maximum repetitive peak reverse voltage
260 C/10 seconds at terminals
Single phase half-wave 60Hz,resistive or inductive load,
V
V
V
SYMBOLS
UNITS
A
A
V
VRRM
VRMS
VDC
I(AV)
IFSM
VF
3.0
100.0
Operating junction and storage temperature range
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=100 C
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
Maximum instantaneous forward voltage at 3.0A
Maximum DC reverse current
T A =25 C
at rated DC blocking voltage
TA=125 C
Typical junction capacitance (Note2)
Note:
IR
5.0
RqJA
CJ
TJ,TSTG
47.0
65.0
pF
C
A
u
Typical thermal resistance
C/W
Ratings at 25 C ambient temperature unless otherwise specified.
ES3D
ES3G
200
140
200
400
280
400
600
420
600
Case : Molded plastic body
Terminals : Solder plated, solderable per MIL-STD-750,Method 2026
Polarity : Polarity symbol marking on body
Mounting Position : Any
Weight : 0.008 ounce, 0.225 grams
for capacitive load current derate by 20%.
Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Idea for printed circuit board
Glass passivated Junction chip
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed
Mechanical Data
Maximum Ratings And Electrical Characteristics
ES3A~ES3J
1.3
ES3J
1.Reverse recovery time test condition: IF=0.5A IR=1.0A Irr=0.25A
3.0Amp Super Fast Recovery Surface Mounted Rectifiers
ES3C
100
70
100
ES3B
50
35
50
ES3A
Parameter
Maxinum reverse recovery time(Note 1)
Trr
35
ns
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
300
210
300
150
105
150
DO-214AB/SMC
Dimensions in inches and (millimeters)
0.280(7.12)
0.258(6.55)
0.245(6.23)
0.220(5.59)
0.128 (3.25)
0.108 (2.75)
0.320(8.15)
0.299(7.60)
0.014(0.350)
0.006(0.125)
0.063(1.60)
0.030(0.76)
0.008(0.203)MAX.
0.110(2.80)
0.079(2.00)
0.95
1.7


Similar Part No. - ES3F

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ES3F GE-ES3F Datasheet
74Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Taiwan Semiconductor Co...
ES3F TSC-ES3F Datasheet
56Kb / 2P
3.0 AMPS. Super Fast Surface Mount Rectifiers
ES3F TSC-ES3F Datasheet
273Kb / 2P
3.0 AMPS. Surface Mount Super Fast Rectifiers
logo
GOOD-ARK Electronics
ES3F GOOD-ARK-ES3F Datasheet
174Kb / 2P
Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
logo
Vishay Siliconix
ES3F VISHAY-ES3F Datasheet
108Kb / 5P
Surface Mount Ultrafast Plastic Rectifier
20-Nov-07
More results

Similar Description - ES3F

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FR301G FORMOSA-FR301G Datasheet
35Kb / 2P
3.0AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Tak Cheong Electronics ...
FR301 TAK_CHEONG-FR301 Datasheet
103Kb / 2P
3.0AMP. Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
FR301 SECOS-FR301 Datasheet
95Kb / 2P
3.0AMP Fast Recovery Rectifiers
SF31 SECOS-SF31 Datasheet
419Kb / 2P
3.0AMP Super Fast Rectifiers
SUF301B SECOS-SUF301B Datasheet
219Kb / 2P
3.0AMP Surface Mount Super Fast Recovery Rectifiers
SUF301C SECOS-SUF301C Datasheet
233Kb / 2P
3.0AMP Surface Mount Super Fast Recovery Rectifiers
logo
Cystech Electonics Corp...
SF31G CYSTEKEC-SF31G Datasheet
263Kb / 3P
3.0Amp. Glass Passivated Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SMF301C SECOS-SMF301C_15 Datasheet
190Kb / 2P
3.0AMP Surface Mount Fast Recovery Rectifiers
logo
DIYI Electronic Technol...
FR3A DYELEC-FR3A Datasheet
1Mb / 2P
3.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
ES3MB LUGUANG-ES3MB Datasheet
1Mb / 2P
3.0AMP Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com