Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP1031-QK Datasheet(PDF) 2 Page - Mimix Broadband

Part # XP1031-QK
Description  37.0-42.0 GHz GaAs Power Amplifier QFN, 7x7mm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1031-QK Datasheet(HTML) 2 Page - Mimix Broadband

  XP1031-QK Datasheet HTML 1Page - Mimix Broadband XP1031-QK Datasheet HTML 2Page - Mimix Broadband XP1031-QK Datasheet HTML 3Page - Mimix Broadband XP1031-QK Datasheet HTML 4Page - Mimix Broadband XP1031-QK Datasheet HTML 5Page - Mimix Broadband XP1031-QK Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Power Amplifier Measurements
Page 2 of 6
37.0-42.0 GHz GaAs Power Amplifier
QFN, 7x7mm
P1031-QK
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
XP1031-QK: Small Signal Gain (S21)
Vd=5 V, Id=600mA
0
5
10
15
20
25
30
36
37
38
39
40
41
42
Frequency (GHz)
XP1031-QK: Input Return Loss (S11)
Vd=5 V, Id=600mA
-16
-14
-12
-10
-8
-6
-4
-2
0
36
37
38
39
40
41
42
Frequency (GHz)
XP1031-QK: Output Return Loss (S22)
Vd=5 V, Id=600mA
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
36
37
38
39
40
41
42
Frequency (GHz)
XP1031-QK: Intermodulation Performance
(Vd=5V, Vg=-0.32V, Id=600 mA, f = 10 MHz)
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
52
54
11
12
13
14
15
16
17
18
19
Pout/tone (dBm)
Input freq = 37 GHz
Input Freq = 38 GHz
Input Freq = 39 GHz
Input freq = 40 GHz
Small Signal Gain S21 (dB) for XP1031-QK (Vd=5V, Id=600 mA)
-10
-5
0
5
10
15
20
25
30
35
36
36.5
37
37.5
38
38.5
39
39.5
40
40.5
41
41.5
42
Frequency (GHz)
-45ºC
+25ºC
+75ºC
Output P1dB for XP1031-QK, Vd= 5V, Id=600 mA
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
36
37
38
39
40
41
42
Frequency (GHz)
-45ºC
+25ºC
+75ºC
September 2007 - Rev 25-Sep-07



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com