Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISB35130 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ISB35130
Description  HCMOS STRUCTURED ARRAY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISB35130 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ISB35130 Datasheet HTML 7Page - STMicroelectronics ISB35130 Datasheet HTML 8Page - STMicroelectronics ISB35130 Datasheet HTML 9Page - STMicroelectronics ISB35130 Datasheet HTML 10Page - STMicroelectronics ISB35130 Datasheet HTML 11Page - STMicroelectronics ISB35130 Datasheet HTML 12Page - STMicroelectronics ISB35130 Datasheet HTML 13Page - STMicroelectronics ISB35130 Datasheet HTML 14Page - STMicroelectronics ISB35130 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Notes
VIL
Low Level Input Voltage
0.8
Volts
2,3
VIH
High Level Input Voltage
2.0
Volts
2,3
VOL
Low Level Output Voltage
IOL = Rated Buffer
Current
0.2
0.4
Volts
2,3,4
VOH
High Level Output Voltage
IOH = Rated Buffer
Current
2.4
3.0
Volts
2,3,4
Vt +
Schmitt Trigger +Ve
Threshold
1.7
1.9
Volts
2,3
Vt -
Schmitt Trigger -Ve
Threshold
0.9
1.1
Volts
2,3
Note 1. These are normal Voltage and extended temperature specifications VDD from 3.0 V to 3.6 V
Temperature Ambient from -55 to 125 degrees Centigrade
Note 2. Adherence to rules in Power Pin / Pad Specifications Required
Note 3. Refer to the ISB35000 Gate Array Specification for full Testing Levels and Conditions
Note 4. Buffers offered in 2, 4, 8, 12, 16, and 24 mA TTL options
Table 9. LVTTL Interface DC Electrical Characteristics (Note 1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Notes
VIL
Low Level Input Voltage
0.2xVDD
Volts
2,3,4
VIH
High Level Input Voltage
0.8xVDD
Volts
2,3,4
VOL
Low Level Output Voltage
IOL = Rated Buffer
Current
0.2
0.4
Volts
2,3,4,5,6
VOH
High Level Output Voltage
IOH = Rated Buffer
Current
0.85
x
VDD
0.9
x
VDD
Volts
2,3,4,5,6
Vt +
Schmitt Trigger +Ve
Threshold
1.7
1.9
Volts
2,3
Vt -
Schmitt Trigger -Ve
Threshold
0.9
1.1
Volts
2,3
Note 1. These are extended voltage and temperature specifications
VDD from 2.7 V to 3.6 V
Temperature Ambient from -55 to 125 degrees Centigrade
Note 2. Adherence to rules in Power Pin / Pad Specifications Required
Note 3. Refer to the ISB35000 Gate Array Specification for full Testing Levels and Conditions
Note 4. Buffers offered in 2, 4, and 8 mA CMOS options
Note 5. Note only one CMOS buffer may sink or source DC current when parametric measurements are taken due to the reason that the power
supply specifications for CMOS product are not written to support DC current. If more than one buffer is active voltage drops in the
supply may cause false failure readings.
Note 6. If no buffers are sinking or sourcing current and all internal pull up or pull down resistors in bidi buffers have been disabled by having
the T2 Test Pin positive V OL (max) = 0.05 Volts and VOH (min)=VDD-0.05 Volts
Table 10. LVCMOS Interface DC Electrical Characteristics (Note 1)
ISB35000 SERIES
14/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com