Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISB35208 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ISB35208
Description  HCMOS STRUCTURED ARRAY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISB35208 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ISB35208 Datasheet HTML 4Page - STMicroelectronics ISB35208 Datasheet HTML 5Page - STMicroelectronics ISB35208 Datasheet HTML 6Page - STMicroelectronics ISB35208 Datasheet HTML 7Page - STMicroelectronics ISB35208 Datasheet HTML 8Page - STMicroelectronics ISB35208 Datasheet HTML 9Page - STMicroelectronics ISB35208 Datasheet HTML 10Page - STMicroelectronics ISB35208 Datasheet HTML 11Page - STMicroelectronics ISB35208 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Cell
Description
SPRAM
Metallised
8K bits max
2048 word max 64 bit max
Zero static current
Tristate output
Embedded
256K bits max
16K word max 64 bit max
Zero static current
Tristate outputs
DPRAM
Metallised
4K bits max
1024 word max 64 bit max
Zero static current
Separate read/write ports
Tristate outputs
Embedded
128K bits max
8K word max 64 bit max
Zero static current
Tristate outputs
ROM
Embedded
2M bits max
32K word max 64 bit max
Diffusion programmable
Tristate outputs
These allow access to technologies that have been hitherto the domain of standard products.
Table 5. Module Generator Library
Examples include mixed mode cells for graphics,
DAC/ADC’s (4-9 bit), PLL applications, and Digital
Signal Processor functions for cellular comms, fax
and high-speed modem.which initially consist of a
Triple 8-bit DAC, Graphics RAM, Clock Multiplier
PLL and Frequency Synthesis PLL.
100 Mbps serial transputer links coupled with large
and fast memory can be used for pipelining, cach-
ing and synchro circuits in modern RISC computing
architectures.
Viterbi and Reed Solomon cores aim at the HDTV
and satellite transmission markets. To support tele-
com needs for CCITT standard applications,
ADPCM cells supporting CT2 protocol have been
developed.
DESIGN FOR TESTABILITY
The time and cost for ASIC testing increases expo-
nentially as the complexity and size of the ASIC
grows. Using a design for testability methodology
allows large, more complex ASICs to be efficiently
and economically tested.
ISB35000 supports the JTAG boundary Scan and
both edge and level sensitive scan design tech-
niques by providing the necessary macrocells.
Scan testing aids device testability by permitting
access to internal nodes without requiring a sepa-
rate external connection for each node accessed.
Testability is assured at device level with the close
coupling of LSSD latch elements, Automatic Test
Pattern Generation (ATPG) and high pattern depth
tester architecture.
At system level, SGS-THOMSON fully supports
IEEE 1149.1, within the I/O structure utilised in this
family. Several types of core scan cells are provided
in the ISB35000 Series library. Examples include
FDxS/FJKxS cells which are edge sensitive and
LSxx cells which are true LSSD cells.
ISB35000 SERIES
8/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com