Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISB35279 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ISB35279
Description  HCMOS STRUCTURED ARRAY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISB35279 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ISB35279 Datasheet HTML 7Page - STMicroelectronics ISB35279 Datasheet HTML 8Page - STMicroelectronics ISB35279 Datasheet HTML 9Page - STMicroelectronics ISB35279 Datasheet HTML 10Page - STMicroelectronics ISB35279 Datasheet HTML 11Page - STMicroelectronics ISB35279 Datasheet HTML 12Page - STMicroelectronics ISB35279 Datasheet HTML 13Page - STMicroelectronics ISB35279 Datasheet HTML 14Page - STMicroelectronics ISB35279 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Supply Voltage, Vdd
-0.5 V to +6.0 V
Input or Output Voltage
-0.5 V to (Vdd + 0.5V)
DC Forward Bias Current, Input or Output
-24mA source, +24mA sink
Storage Temperature Ceramic
-65 to 150 degrees Centigrade
Storage Temperature Plastic
-40 to 125 degrees Centigrade
Note 1. Referenced to Vss. Stresses above those listed under “absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of
this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect the device reliability.
Table 6. Absolute Maximum Ratings (note1)
Normal Operating Supply Voltage Vdd (note 1)
3.3 V +/- 10% (3.0 V to 3.6 V)
Extended Operating Supply Voltage Vdd (notes 1,2)
3.3 V + 0.3V/-0.6V (2.7V to 3.6V)
Operating Ambient Temperature
Commercial (note 3)
Industrial (note 3)
Military (note 4)
0 to 70 degrees Centigrade
-40 to +85 degrees Centigrade
-55 to +125 degrees Centigrade
Note 1. Commercial, Industrial, and Military Conditions
Note 2. Low Voltage TTL Circuits are NOT functional to specifications below 3.0 Volts
Note 3. All circuits will operate to full specifications with a V DD of 3.0V to 3.6V and a junction temperature of -40 to +125 degrees centigrade.
These junction temperatures are compatible with the Commercial and Industrial Temperature Ranges.
Note 4. All circuits will be functional from -55 to +150 degrees centigrade junction temperature (military Ambient Temperature Range) but will
not necessary operate to published specifications. Only circuits specified as operational to extended temperature range may be used
when operating to Military temperature conditions.
Table 7. Recommended DC Operating Conditions
FVI (Five Volt Interface) Supply Voltage (notes 1,2)
5.0V +/- 10% (4.5 V to 5.5 V)
GTL (Gunning Transistor Logic) Supply Voltage (notes 1,3)
1.2V +/- 5% (1.14 V to 1.26 V)
CTT (Center Tap Terminated) Supply Voltage (notes 1,4)
1.5V +/- 10% (1.35 V to 1.65 V)
Note 1. Commercial, and Industrial Use Only -40 +85 degrees Centigrade
Note 2. I/O Circuits Only takes Special External Power Distribution and May NOT be mixed with GTL or CTL circuits on any one side of the die.
Only a very limited buffer set is available.
Note 3. I/O Circuits Only takes Special External Power Distribution and May NOT be mixed with FVI or CTL circuits on any one side of the die.
Only a very limited buffer set is available.
Note 4. I /O Circuits Only takes Special External Power Distribution and May NOT be mixed with FVI or GTL circuits on any one side of the die.
Only a very limited buffer set is available.
Table 8. Special Voltages (Vcc) Operating Conditions
ISB35000 SERIES
13/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com