Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBMFXXSC6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # KBMFXXSC6
Description  EMI FILTER AND LINE TERMINATION FOR PS/2 MOUSE OR KEYBOARD PORTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KBMFXXSC6 Datasheet(HTML) 4 Page - STMicroelectronics

  KBMFXXSC6 Datasheet HTML 1Page - STMicroelectronics KBMFXXSC6 Datasheet HTML 2Page - STMicroelectronics KBMFXXSC6 Datasheet HTML 3Page - STMicroelectronics KBMFXXSC6 Datasheet HTML 4Page - STMicroelectronics KBMFXXSC6 Datasheet HTML 5Page - STMicroelectronics KBMFXXSC6 Datasheet HTML 6Page - STMicroelectronics KBMFXXSC6 Datasheet HTML 7Page - STMicroelectronics KBMFXXSC6 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
KBMFxxSC6
4/8
To have a good approximation of the remaining voltages at both Vinput and Voutput stages, we give the
typical dynamical resistance value Rd. By taking into account these following hypothesis : Rt>Rd, Rg>Rd
and Rload>Rd, it gives these formulas:
Vinput
RV
RV
R
gBR
d
g
g
=
+
..
Voutput
R V
R Vinput
R
SBR
d
t
=
+
..
The results of the calculation done for VPP=8kV, Rg=330
Ω (IEC 61000-4-2 standard), Vbr=7V
(typ.) and Rd = 1ohm (typ.) give:
Vinput = 31.2 V
Voutput = 7.8 V
This confirms the very low remaining voltage across the device to be protected. It is also important to note
that in this approximation the parasitic inductance effect was not taken into account. This could be few
tenths of volts during few ns at the input side. This parasitic effect is not present at the output side due the
low current involved after the resistance RS.
The measurements done here after show very clearly (Fig. A5) the high efficiency of the ESD protection :
- no influence of the parasitic inductances on output stage
- Voutput clamping voltage very close to Vbr (positive strike) and -Vf (negative strike)
TEST BOARD
ESD
SURGE
16kV
Air
Discharge
Vin
Vout
Fig. A4: Measurement conditions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com