Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX71121 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX71121
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71121 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX71121 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
MLX71121
300 to 930MHz
FSK/FM/ASK Receiver
39010 71121
Page 13 of 28
Data Sheet
Rev. 007
Feb/08
2
Functional Description
2.1
Frequency Planning
Because of the double conversion architecture that employs two mixers and two IF signals, there are four
different combinations for injecting the LO1 and LO2 signals:
•
LO1 high side and LO2 high side:
receiving at fRF(high-high)
•
LO1 high side and LO2 low side:
receiving at fRF(high-low)
•
LO1 low side and LO2 high side:
receiving at fRF(low-high)
•
LO1 low side and LO2 low side:
receiving at fRF(low-low)
As a result, four different radio frequencies (RFs) could yield one and the same second IF (IF2). Fig. 10
shows this for the case of receiving at fRF(high-high). In the example of Fig. 10, the image signals at fRF(low-
high) and fRF(low-low) are suppressed by the bandpass characteristic provided by the RF front-end. The
bandpass shape can be achieved either with a SAW filter (featuring just a couple of MHz bandwidth), or by
the tank circuits at the LNA input and output (this typically yields 30 to 60MHz bandwidth). In any case, the
high value of the first IF (IF1) helps to suppress the image signals at fRF(low-high) and fRF(low-low).
The two remaining signals at IF1 resulting from fRF(high-high) and fRF(high-low) are entering the second
mixer MIX2. This mixer features image rejection with so-called single-sideband (SSB) selection. This means
either the upper or lower sideband of IF1 can be selected. In the example of Fig. 10, LO2 high-side injection
has been chosen to select the IF2 signal resulting from fRF(high-high).
fLO2
fLO2
fLO1
f RF
f RF
f RF
f RF
Fig. 10: The four receiving frequencies in a double conversion superhet receiver
It can be seen from the block diagram of Fig. 1 that there is a fixed relationship between the LO signal fre-
quencies (fLO1 , fLO2) and the reference oscillator frequency fRO.
LO2
1
LO1
f
N
f
⋅
=
RO
2
LO2
f
N
f
⋅
=
The operating frequency of the internal IF filter (IFF) and FSK demodulator (FSK DEMOD) are 1.8MHz.
Therefore the second IF (IF2) is set to 1.8MHz as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com