Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH72001 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # TH72001
Description  315MHz FSK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72001 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  TH72001 Datasheet HTML 1Page - Melexis Microelectronic Systems TH72001 Datasheet HTML 2Page - Melexis Microelectronic Systems TH72001 Datasheet HTML 3Page - Melexis Microelectronic Systems TH72001 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72001 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72001 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72001 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72001 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72001 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TH72001
315MHz
FSK Transmitter
3901072001
Page 1 of 20
Data Sheet
Rev. 007
June/07
Features
! Fully integrated PLL-stabilized VCO
! Frequency range from 290 MHz to 350 MHz
! Single-ended RF output
! FSK through crystal pulling allows modulation
from DC to 40 kbit/s
! High FSK deviation possible for wideband data
transmission
! Wide power supply range from 1.95 V to 5.5 V
! Very low standby current
! On-chip low voltage detector
! High over-all frequency accuracy
! FSK deviation and center frequency independ-
ently adjustable
! Adjustable output power range from
-12 dBm to +11 dBm
! Adjustable current consumption from
3.2 mA to 10.3 mA
! Conforms to FCC part 15 and similar standards
! 8-pin Small Outline Integrated Circuit (SOIC)
Ordering Information
Part Number
Temperature Code
Package Code
Delivery Form
TH72001
K (-40°C to 125°C)
DC (SOIC8)
98 pc/tube
2500 pc/T&R
Application Examples
Pin Description
! General digital data transmission
! Tire Pressure Monitoring Systems (TPMS)
! Remote Keyless Entry (RKE)
! Wireless access control
! Alarm and security systems
! Garage door openers
! Remote Controls
! Home and building automation
! Low-power telemetry systems
General Description
The TH72001 FSK transmitter IC is designed for applications in the 315 MHz industrial-scientific-medical
(ISM) band. It can also be used for any other system with carrier frequencies ranging from
290 MHz to 350 MHz.
The transmitter's carrier frequency fc is determined by the frequency of the reference crystal fref. The inte-
grated PLL synthesizer ensures that carrier frequencies, ranging from 290 MHz to 350 MHz, can be
achieved. This is done by using a crystal with a reference frequency according to: fref = fc/N, where N = 32 is
the PLL feedback divider ratio.
FSKDTA
VEE
ENTX
ROI
FSKSW
VCC
PSEL
OUT
TH72001
1
3
4
2
8
6
5
7


Similar Part No. - TH72001

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72001 MELEXIS-TH72001 Datasheet
696Kb / 20P
FSK Transmitter
TH72001 MELEXIS-TH72001 Datasheet
1Mb / 23P
315MHz FSK Transmitter
TH72001KDCBAA-000RE MELEXIS-TH72001KDCBAA-000RE Datasheet
696Kb / 20P
FSK Transmitter
TH72001KDCBAA-000TU MELEXIS-TH72001KDCBAA-000TU Datasheet
696Kb / 20P
FSK Transmitter
TH72001 MELEXIS-TH72001_12 Datasheet
696Kb / 20P
FSK Transmitter
More results

Similar Description - TH72001

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5251F1 INFINEON-TDA5251F1 Datasheet
2Mb / 88P
ASK/FSK 315MHz Wireless Transceiver
Version 1.0, 2003-02-18
logo
Melexis Microelectronic...
EVB72005 MELEXIS-EVB72005 Datasheet
648Kb / 14P
315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72006 MELEXIS-EVB72006 Datasheet
516Kb / 12P
315MHz FSK/ASK Transmitter Evaluation Board Description
TH72006 MELEXIS-TH72006 Datasheet
339Kb / 16P
315MHz FSK/ASK Transmitter
TH72005 MELEXIS-TH72005 Datasheet
555Kb / 20P
315MHz FSK/ASK Transmitter
logo
Sanyo Semicon Device
LV2256PTT SANYO-LV2256PTT Datasheet
61Kb / 5P
Bi-CMOS IC 315MHz Band FSK/ASK Wireless Transmitter IC
logo
Infineon Technologies A...
TDA5251F1 INFINEON-TDA5251F1_07 Datasheet
2Mb / 88P
ASK/FSK 315MHz Wireless Transceiver
Version 1.1, 2007-02-26
logo
Melexis Microelectronic...
TH72001 MELEXIS-TH72001_17 Datasheet
1Mb / 23P
315MHz FSK Transmitter
TH72002 MELEXIS-TH72002_17 Datasheet
1Mb / 21P
315MHz ASK Transmitter
TH72005 MELEXIS-TH72005_17 Datasheet
1Mb / 21P
315MHz FSK/ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com