Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH72001KDC Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # TH72001KDC
Description  315MHz FSK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72001KDC Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button TH72001KDC Datasheet HTML 9Page - Melexis Microelectronic Systems TH72001KDC Datasheet HTML 10Page - Melexis Microelectronic Systems TH72001KDC Datasheet HTML 11Page - Melexis Microelectronic Systems TH72001KDC Datasheet HTML 12Page - Melexis Microelectronic Systems TH72001KDC Datasheet HTML 13Page - Melexis Microelectronic Systems TH72001KDC Datasheet HTML 14Page - Melexis Microelectronic Systems TH72001KDC Datasheet HTML 15Page - Melexis Microelectronic Systems TH72001KDC Datasheet HTML 16Page - Melexis Microelectronic Systems TH72001KDC Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TH72001
315MHz
FSK Transmitter
3901072001
Page 13 of 20
Data Sheet
Rev. 007
June/07
5.0
5.5
6.0
6.5
7.0
7.5
1.8
2.2
2.6
3.0
3.4
3.8
4.2
4.6
5.0
5.4
5.8
-40°C
-20°C
0°C
25°C
85°C
105°C
125°C
Vcc
[V]
power step 3
1.8
2.2
2.6
3.0
3.4
3.8
4.2
4.6
5.0
5.4
5.8
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
-40°C
-20°C
0°C
25°C
85°C
105°C
125°C
Vcc
[V]
power step 4
Fig. 10: Supply current in power step 3
Fig. 11: Supply current in power step 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com