Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDN340P Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDN340P
Description  Single P-Channel, Logic Level, PowerTrench® MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDN340P Datasheet(HTML) 2 Page - ON Semiconductor

  FDN340P Datasheet HTML 1Page - ON Semiconductor FDN340P Datasheet HTML 2Page - ON Semiconductor FDN340P Datasheet HTML 3Page - ON Semiconductor FDN340P Datasheet HTML 4Page - ON Semiconductor FDN340P Datasheet HTML 5Page - ON Semiconductor FDN340P Datasheet HTML 6Page - ON Semiconductor FDN340P Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
September 200
©2007 FairchildSemiconductor Corporation
FDN340P Rev E1
FDN340P
Si
ngl
eP-Channel
, LogicLevel
, PowerTrench®
®
®
® MOSFET
GeneralDescription
Thi
s P-Channel Logi
c Level MOSFET i
s produced
usi
ngFai
rchi
ldSemi
conductor advancedPower Trench
process that has been especi
ally tai
lored to mi
ni
mi
ze
the on-state resi
stance and yet mai
ntai
n low gate
charge for superi
or swi
tchi
ngperf
ormance.
These devi
cesare well sui
ted for portable electroni
cs
appli
cati
ons:load swi
tchi
ng and power management,
batterychargi
ngci
rcui
ts,andDC/
DC conversi
on.
Features
• –2A,20 V
RDS(ON)=70 m
Ω @ VGS =–4.5 V
RDS(ON)=110 m
Ω @ VGS =–2.5 V
• Low gate charge (7.2 nC typical).
• Highperformance trenchtechnology for extremely
low RDS(ON).
• Highpower versionofindustryStandardSOT-23
package. Identi
cal pi
n-out to SOT-23wi
th30%
hi
gher power handli
ngcapabi
li
ty.
D
S
G
Absol
uteMaxi
m um Rati
ngs T
A=25
oC unlessotherwise noted
Sym bol
Param eter
Ratings
Uni
ts
VDSS
Drai
n-Source Voltage
–20
V
VGSS
Gate-Source Voltage
±8
V
ID
Drai
nCurrent
– Conti
nuous
(Note 1a)
–2
A
– Pulsed
–10
Power Di
ssi
pati
onf
or Si
ngle Operati
on
(Note 1a)
0.5
PD
(Note 1b)
0.46
W
TJ,TSTG
Operati
ngandStorage Juncti
onTemperature Range
–55 to +150
°C
Therm alCharacteri
sti
cs
RθJA
Thermal Resi
stance,Juncti
on-to-Ambi
ent
(Note 1a)
250
°C/W
RθJC
Thermal Resi
stance,Juncti
on-to-Case
(Note 1)
75
°C/W
PackageMarki
ng and Orderi
ng I
nform ati
on
Device M arking
Devi
ce
ReelSize
Tape width
Quantity
340
FDN340P
7’
’
8mm
3000 uni
ts
February 2007



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com