Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US79 Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

Part # US79
Description  CMOS Power Hall IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US79 Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  US79 Datasheet HTML 1Page - Melexis Microelectronic Systems US79 Datasheet HTML 2Page - Melexis Microelectronic Systems US79 Datasheet HTML 3Page - Melexis Microelectronic Systems US79 Datasheet HTML 4Page - Melexis Microelectronic Systems US79 Datasheet HTML 5Page - Melexis Microelectronic Systems US79 Datasheet HTML 6Page - Melexis Microelectronic Systems US79 Datasheet HTML 7Page - Melexis Microelectronic Systems US79 Datasheet HTML 8Page - Melexis Microelectronic Systems US79 Datasheet HTML 9Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
US79 Series
CMOS Power Hall IC
39010US79
Page 3 of 9
DataSheet
Rev. 006
Feb/04
3. Glossary of Terms
MilliTesla (mT), Gauss: Units of magnetic flux density; 1 milliTesla = 10 Gauss.
Two-Coil Fan: a fan with two coil windings, current alternates from 1 coil to the other depending on the
polarity of the magnetic field.
Two-wire Fan: A fan that has only two connections for the power supply plus and minus.
Locked rotor: The condition of a fan that has stopped spinning due to mechanical blockage .
4. Absolute Maximum Ratings
Supply Voltage, VDD
(-0.3 to 18)V
Output Current (Fault), IOUT
500mA
Operating Temperature Range, TA
-40 to 125°C
Storage Temperature Range, TS
-55 to 165°C
Maximun Junction Temp, TJ
150°C
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-
maximum-rated conditions for extended periods may affect device reliability.
5. US79 Electrical Specifications
DC operating parameters: TA = 25
oC, VDD = 12V unless otherwise specified
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
Operating
3.5
-
18
V
Supply Current
IDD
Operating
2.0
4
mA
Output Saturation voltage
VDSS
IOUT = 150mA
300
600
mV
Output Saturation voltage
VDSS
IOUT = 350mA
650
1100
mV
Thermal resistance
Rth
Operating
190
oC/W
Locked-Rotor Period
ton
0.8
S
Locked-Rotor period
toff
5
S
6. US79 Magnetic Specifications
DC operating parameters: TA = 25 oC, VDD = 12V unless otherwise specified.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operate Point
BOP
Operating
2.5
6.0
mT
Release Point
BRP
Operating
-6.0
-2.5
mT
Hysteresis
BHYS
Operating
2.0
5.0
-
mT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com