Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18B1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 18B1
Description  BIDIRECTIONAL TRANSILTM ARRAY FOR DATALINE PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

18B1 Datasheet(HTML) 2 Page - STMicroelectronics

  18B1 Datasheet HTML 1Page - STMicroelectronics 18B1 Datasheet HTML 2Page - STMicroelectronics 18B1 Datasheet HTML 3Page - STMicroelectronics 18B1 Datasheet HTML 4Page - STMicroelectronics 18B1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ITA6V5B1 / ITA10B1 / ITA18B1 / ITA25B1
2/5
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current @ VRM
IPP
Peak pulse current
αT
Voltage temperature coefficient
C
Junction capacitance
ELECTRICAL CHARACTERISTICS (Tamb = 25°C)
Symbol
Parameter
Value
Unit
PPP
Peak pulse power dissipation (8/20
µs)
(see note 1)
Tj initial = Tamb
300
W
IPP
Peak pulse current (8/20
µs) (see note 1)
Tj initial = Tamb
40
A
I
2t
Wire I
2t value (see note 1)
0.6
A
2s
Tstg
Tj
Storage temperature range
Maximum operating junction temperature
-55to+150
125
°C
°C
TL
Maximum lead temperature for soldering during 10s
260
°C
ABSOLUTE MAXIMUM RATINGS (Tamb = 25°C)
100
50
0
20 s
t
%I pp
8s
Pulse wave form 8/20
s
Types
IRM
@VRM
VBR
@IR
VCL
@IPP
VCL
@IPP
αTC
max.
min.
8/20
µs
max.
8/20
µs
max.
max.
note 2
note 2
note 2
note 3
µA
V
V
mA
VAVA
10
-4/°C
pF
ITA6V5B1
10
5
6.5
1
10
10
12
25
4
750
ITA10B1
4
8
10
1
15101925
8
570
ITA18B1
4
1518
1
25102825
9
350
ITA25B1
4
2425
1
3310382512
300
Note 2 : Between I/O pin and ground.
Note 3 : Between two input Pins at 0V Bias,F=1 MHz.
Preferred types in bold
Note 1 : For surges greater than the specified maximum
value, the I/O will first present a short-circuit and after an
open circuit caused by the wire melting.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com