Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BV2 Datasheet(PDF) 1 Page - Multicomp Pro

Part # BV2
Description  Vinyl-Insulated Vinyl-Insulated
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

BV2 Datasheet(HTML) 1 Page - Multicomp Pro

  BV2 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
18/01/21
Vinyl-Insulated
Butt Splice connector
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Note:
Max. Electric Current
:
AWG 16 14
AMP 18 30
Max. Electrical Rating
: 75°C 600 Volts Max.
Insulation Material
: Vinyl
Insulation Colour
: Blue
Connector Material
: Copper Plate
Wire Range
: 16 ~ 14 AWG (1.5 ~ 2.5mm2)
Connector Surface Treatment : Tin Plated
Part Number Table
Description
Part Number
Butt Splice, Blue, BV Series, 16 AWG,
14 AWG, 2mm², Vinyl
BV2
Dimensions : Millimetres
Diagram
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - BV2

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
BV2-JAR MULTICOMP-BV2-JAR Datasheet
166Kb / 1P
Vinyl-Insulated Butt Splice Connector
19/12/22 V1.0
logo
Texas Instruments
BV245 TI-BV245 Datasheet
260Kb / 8P
32-BIT FET BUS SWITCH
logo
Shenzhen Bencent Electr...
BV24C BENCENT-BV24C Datasheet
486Kb / 4P
Transient Voltage Suppressor
logo
Rohm
BV2HBC20EUV-C ROHM-BV2HBC20EUV-C Datasheet
1Mb / 45P
Automotive Intelligent Power Device Dual Channel 20 mΩ High Side Switch
09.Dec.2025 Rev.001
BV2HBC20EUV-CE2 ROHM-BV2HBC20EUV-CE2 Datasheet
1Mb / 45P
Automotive Intelligent Power Device Dual Channel 20 mΩ High Side Switch
09.Dec.2025 Rev.001
More results

Similar Description - BV2

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
A41181 PANDUIT-A41181 Datasheet
62Kb / 1P
EXPANDED VINYL INSULATED BUTT SPLICES
A41184 PANDUIT-A41184 Datasheet
103Kb / 1P
2PC VINYL INSULATED 16-14 BARREL, RINGS
PV10-6R PANDUIT-PV10-6R Datasheet
107Kb / 1P
2PC. VINYL INSULATED, 12-10 BARREL, RINGS
DV10-250 PANDUIT-DV10-250 Datasheet
54Kb / 1P
FEMALE DISCONNECTS, VINYL INSULATED
logo
List of Unclassifed Man...
18RA-6 ETC2-18RA-6 Datasheet
60Kb / 1P
Vinyl Insulated Ring . Insulation Grip
logo
PANDUIT CORP.
PV12-10HDR-D PANDUIT-PV12-10HDR-D Datasheet
381Kb / 1P
RING TERMINALS, VINYL INSULATED, HEAVY DUTY
PV18-P47-CY PANDUIT-PV18-P47-CY Datasheet
59Kb / 1P
VINYL INSULATED PIN TERMINAL
PV10-P55-L PANDUIT-PV10-P55-L Datasheet
59Kb / 1P
VINYL INSULATED PIN TERMINAL
PV18-8F-MY PANDUIT-PV18-8F-MY Datasheet
87Kb / 2P
2PC VINYL INSULATED, 22-18 BARREL FORKS
logo
List of Unclassifed Man...
FVL2216-5R2 ETC-FVL2216-5R2 Datasheet
166Kb / 1P
Ring Terminal Vinyl Insulated
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com