Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25B1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 25B1
Description  BIDIRECTIONAL TRANSILTM ARRAY FOR DATALINE PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

25B1 Datasheet(HTML) 4 Page - STMicroelectronics

  25B1 Datasheet HTML 1Page - STMicroelectronics 25B1 Datasheet HTML 2Page - STMicroelectronics 25B1 Datasheet HTML 3Page - STMicroelectronics 25B1 Datasheet HTML 4Page - STMicroelectronics 25B1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ITA6V5B1 / ITA10B1 / ITA18B1 / ITA25B1
4/5
This monolithic Transil Array is based on 6
unidirectional Transils with a common cathode and
can be configurated to offer up to 5 bidirectional
functions. This imposes a maximum differential
voltage between 2 input pins (see opposite table).
Types
Maximum differential voltage
between two input pins at 25°C
ITA6V5B1
+ / - 3.5 V
ITA10B1
+ / - 5.0 V
ITA18B1
+ / - 9.0 V
ITA25B1
+ / - 12.5 V
APPLICATION INFORMATION
ITA
25
B
1
RL
Integrated
Transil Array
V
min
BR
Bidirectional
Packaging:
RL = Tape & reel
= Tube
Package: SO-8 Plastic
ORDER CODE
Typical application : RS232 junction.
GND
CTS
RTS
TX
RX



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com