Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L149 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L149
Description  4A LINEAR DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L149 Datasheet(HTML) 3 Page - STMicroelectronics

  L149 Datasheet HTML 1Page - STMicroelectronics L149 Datasheet HTML 2Page - STMicroelectronics L149 Datasheet HTML 3Page - STMicroelectronics L149 Datasheet HTML 4Page - STMicroelectronics L149 Datasheet HTML 5Page - STMicroelectronics L149 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
L149
ELECTRICAL CHARACTERISTCS (Tj = 25 °C, VS = ± 16V)
APPLICATION INFORMATION
Figure 1. High slew-rate power operational amplifier (SR = 13V/
µs)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
± 20
V
Id
Quiescent Drain Current
VS = ± 16V
30
mA
Iin
Input current
VS = ± 16V; Vi = 0V
200
400
µA
hFE
DC current drain
VS = ± 16V; IO = 3A
6000
10000
-
GV
Voltage gain
VS = ± 16V; IO = 1.5A
1
-
VCEsat
Saturation voltage (for each
transistor)
IO = 3A
3.5
V
VOS
Input offset voltage
VS = ± 16V
0.3
V
VINH
Inhibit input voltage (pins 1-3)
ON condition
± 0.3
V
OFF condition
± 1.8
V
RINH
Inhibit input resistance
2.0
K
Ω
SR
Slew rate
30
V/
µs
B
Power bandwidth
VO = ± 10V, d = 1%, RL = 8Ω
200
KHZ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com