Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FF01 Datasheet(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # FF01
Description  Low Profile E-STOP Switches Only 13.6mm Behind-Panel Shortest E-Stop Switch in its Class
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

FF01 Datasheet(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

  FF01 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Published May 12, 2020
* The specifications in this document are subject to change without notice. For the latest specifications, please contact our local representative.
European Office:
Mergenthalerallee 10-12, 65760 Eschborn, Germany
Tel: +49 6196 400 -189 ( English, German )
www.nkkswitches.eu E-mail: contact@nkkswitches.eu
FF01 Series Low Profile E-STOP Switches
Safety Precautions
Caution in Use
Usage Environment
Routine Care
Installing the Switch
• When the product is installed on other equipment, be sure usage
is in compliance with all applicable standards and regulations
in the country or region, as required for the system, machine, or
facility.
• Be sure to read the instruction manual and catalog before
installing, wiring, operating, maintaining, or inspecting the
product.
Before using the product
• Do not use a power supply that exceeds the rated voltage or
current indicated in the specifications. Using a power supply that
exceeds ratings may cause overheating or fire.
• Use wires of appropriate rating. Use of improper wires may
cause overheating and fire.
• Follow recommended “Mounting Panel Cutout” dimensions and
installation instruction, or switch may be fixed loose and not
operate properly.
• Remove dirt and dust from the switch mounting surface of the
panel before installation.
• Do not disassemble the product as it may cause electric shock,
fire, or malfunctions.
• Confirm power is off before installation, wiring, maintenance,
or inspections. Failure to do so may cause electric shock, fire, or
malfunctions.
• Operate the product by hand only. Do not operate using foot,
tool, or other objects.
• Chattering and bouncing
Bouncing may occur during a reset operarion (pull or turn to
reset). Chattering may occur if the equipment the switch is
mounted on is subjected to shock or vibration. Take appropriate
measures to prevent chattering and bouncing on the equipment
side.
• Safeguard against excessive shock or vibration, such as
dropping. Excessive shock and vibration may result in
deformation, damage, degraded performance, or failure.
Soldering
• After inserting the lead wire into the terminal hole, use a
soldering iron to ensure a secure connection.
Incomplete soldering may cause overheating and fire during use.
• Note that if soldering is performed while the terminal is facing
up, the flux may enter the interior of the switch. Perform soldering
carefully.
• The solder resistant temperature is 390°C. Complete the
soldering within four seconds.
• The product is designed for indoor use.
• Do not install in locations subject to frequent splashing water.
• If the product becomes wet, wipe off with a dry cloth. Using a
switch exposed to water may result in water entering inside. If the
water freezes inside the switch, it may not function properly.
• When using the product in environments subject to accumulations
of dust and dirt, remove such accumulations from the area around
the switch before use. Accumulated dust and dirt, may affect
switch function.
• Use a dry cloth to wipe dirt from the actuator. If the actuator
is very dirty, wipe with a cloth dampened with a small amount
of neutral detergent, then wipe dry. (Actuator material: Fiber-
reinforced PBT)
(1) Remove the round nut from the switch main body.
(2) With the notch in the O-ring aligned with the anti-rotation tab
on the switch main body, insert the switch body into panel. In
this step, align the anti-rotation tab on the switch main body
with the anti-rotation keyway on the panel.
(3) Using the fixing nut wrench (AT119), tighten the round nut
from the back side of the panel to the recommended tightening
torque of 785 mN·m.
Anti - rotation Tab
on Switch Body
Notch on
O-ring
Anti - rotation
Keyway on Panel



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com