Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KD1083V Datasheet(PDF) 8 Page - STMicroelectronics

Part # KD1083V
Description  7.5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KD1083V Datasheet(HTML) 8 Page - STMicroelectronics

Back Button KD1083V Datasheet HTML 3Page - STMicroelectronics KD1083V Datasheet HTML 4Page - STMicroelectronics KD1083V Datasheet HTML 5Page - STMicroelectronics KD1083V Datasheet HTML 6Page - STMicroelectronics KD1083V Datasheet HTML 7Page - STMicroelectronics KD1083V Datasheet HTML 8Page - STMicroelectronics KD1083V Datasheet HTML 9Page - STMicroelectronics KD1083V Datasheet HTML 10Page - STMicroelectronics KD1083V Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
KD1083
8/11
Figure 13 : Short Circuit Current vs Dropout
Voltage
Figure 14 : Supply Voltage Rejection vs
Temperature
Figure 15 : Line Transient
Figure 16 : Line Transient
Figure 17 : Load Transient
Figure 18 : Load Transient
VO=10V
VIN
VO
VIN=from 12 to 13V, IO=100mA, CI = 1µF(tantalum), CO=10µF(tan-
talum)
VIN
VO
VO=10V
VIN=from 13 to 12V, IO=100mA, CI = 1µF(tantalum), CO=10µF(tan-
talum)
VO=10V
VO
IO
VI=12 V, IO=from 0.1A to 7.5A, CI = 10µF(tantalum), CO=10µF(tan-
talum)
VO=10V
VO
IO
VI=12 V, IO=from 7.5A to 0.1A, CI = 10µF(tantalum), CO=10µF(tan-
talum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com