Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5APF/BM Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # 5APF/BM
Description  BLACK METAL XLR PLUG (FEMALE) xAPF/BM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

5APF/BM Datasheet(HTML) 1 Page - Electronic Components Ltd.

  5APF/BM Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIMENSIONS IN MILLIMETERS UNLESS OTHERWISE STATED. WORK TO DIMENSIONS. REMOVE ALL BURRS. IF IN DOUBT ASK.
DRAWN:
MATERIAL:
FINISH:
APPROVED:
DRWG. No.
TITLE:
CLIFF
TOLERANCE
UNLESS
OTHERWISE STATED
NO DEC. PLACE ±
1 DEC. PLACE ±
2 DEC. PLACE ±
HOLE Ø ±
ANGLES ±
DO NOT SCALE
FORM: A4DRWGH
ISS.
AMEND
DATE
RoHS
COMPLIANT
ü
Cliff Electronic Components Ltd.
76 Holmethorpe Avenue, Holmethorpe Industrial Estate,
Redhill, Surrey, RH1 2PF, England, UK
Tel: 01737-771375 Fax: 01737-766012 Website: www.cliffuk.co.uk
THE CONTENTS OF THIS DOCUMENT MUST NOT BE COPIED OR DISCLOSED
TO A 3rd PARTY WITHOUT WRITTEN PERMISSION OF CLIFF UK.
©
ANGLE PROJECTION:
FC6141
D.P.J.
T.J.O.
2018
CLEAN
COMPOSITE / CONTACTS SILVER PLATED
BLACK METAL XLR PLUG (FEMALE) xAPF/BM
3rd
ISSUED
1
11/05/18
Part No.
MODEL
MAX
CURRENT
@25
oC (A)
MAX
CABLE
(mm
²)
C (Pf)
CONTACT
RESISTANCE
(m
Ω)
INSULATION
RESISTANCE
(M
Ω)
WITHSTAND
VOLTAGE
(V)
FC6141
3APF/BM
16
2.5
<4
<5
>5000
1400
FC6151
4APF/BM
10
1.0
<4
<7
>5000
1400
FC6166
5APF/BM
7.5
1.0
<4
<7
>5000
1400


Similar Part No. - 5APF/BM

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
5AP SENSATA-5AP Datasheet
245Kb / 3P
MOTOR PROTECTOR
More results

Similar Description - 5APF/BM

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
DC0000079 ERNI-DC0000079 Datasheet
122Kb / 1P
Federl.90. SMDTHR 50p. BM EMV Female 90. SMDTHR 50co. BM EMV
DC0008057 ERNI-DC0008057 Datasheet
162Kb / 1P
Federleiste SMD. 133-pol. BM Female Con. SMD. 133 cont. BM
logo
Neutrik AG
NC3FXX-EMC-B NEUTRIK-NC3FXX-EMC-B Datasheet
96Kb / 3P
3 pole female EMC-XLR cable connector, black
NA5FF NEUTRIK-NA5FF Datasheet
70Kb / 2P
5 pole XLR female - 5 pole XLR female (gender conversion adapter)
NA5FF-B NEUTRIK-NA5FF-B Datasheet
91Kb / 2P
5 pole XLR female - 5 pole XLR female (gender conversion adapter, black plating)
NA2FPMM NEUTRIK-NA2FPMM Datasheet
75Kb / 2P
3 pole XLR female ??RCA / phono plug
NA3F5F NEUTRIK-NA3F5F Datasheet
89Kb / 2P
3 pole XLR female - 5 pole XLR female (gender conversion adapter)
NA3FF NEUTRIK-NA3FF Datasheet
85Kb / 2P
3 pole XLR female - 3 pole XLR female Gender conversion adapter
NA3FF-B NEUTRIK-NA3FF-B Datasheet
80Kb / 2P
3 pole XLR female - 3 pole XLR female, black Gender conversion adapter
SCCD-W NEUTRIK-SCCD-W Datasheet
127Kb / 1P
XLR D Series female
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com