Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2610 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L2610
Description  LOW DROPOUT VOLTAGE REGULATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2610 Datasheet(HTML) 2 Page - STMicroelectronics

  L2610 Datasheet HTML 1Page - STMicroelectronics L2610 Datasheet HTML 2Page - STMicroelectronics L2610 Datasheet HTML 3Page - STMicroelectronics L2610 Datasheet HTML 4Page - STMicroelectronics L2610 Datasheet HTML 5Page - STMicroelectronics L2610 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
APPLICATION CIRCUIT
Symbol
Parameter
SOT-82
TO-220
Rth-j-case
Thermal resistance junction-case
Max
8
°C/W
4°C/W
Rth-j-amb
Thermal resistance junction-ambient
Max
100
°C/W
75
° C/W
THERMAL DATA
2/6
PIN CONNECTION (top view)
Symbol
Parameter
Value
Unit
Vi
DC Input Voltage
DC Input Reverse Voltage
Transient Input Overvoltage:
Load Dump:
5ms
≤ trise ≤ 10ms
τf Fall Time Costant = 100ms,
Rsource
≥ 0.5 Ω
Field Decay:
5ms
≤ tfall ≤ 10ms
τr Rise Time Costant = 33ms,
Rsource
≥ 10Ω
35
-28
+ 100
- 100
V
V
V
V
PD
Power Dissipation
Internally Limited
Tj,Tstg
Junction and Storage Temperature Range
- 55 to 150
°C
ABSOLUTE MAXIMUM RATINGS
(*) Note :C1 and C2 are only needed if the load capacitance exceeds 1000 pF, Recommended values are C1 = 0.1
µF and
C2
≥ 100 µF.
L2605-L2685-L2610



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com