Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8217841 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8217841
Description  Round cylinder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8217841 Datasheet(HTML) 1 Page - Festo Corporation.

  8217841 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Round cylinder
DPRA-N-1 1/16"-1-SME-N
Part number: 8217841
General operating condition
Data sheet
Feature
Value
Stroke
25.4 mm
Piston diameter
1 1/16"
Piston rod thread
5/16-24 UNF-2A
Cushioning
No cushioning
Mounting position
Any
Piston rod end
External thread
Structural design
Piston
Piston rod
Cylinder barrel
Position sensing
None
Protection against torsion/guide
Round piston rod
Operating pressure
0.689 bar ... 10.342 bar
Mode of operation
Single-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
1 - Low corrosion stress
LABS (PWIS) conformity
VDMA24364 zone III
Ambient temperature
-40 °C ... 149 °C
Product weight
149.685 g
Pneumatic connection
1/8 NPT
Note on materials
RoHS-compliant
Seals material
NBR
Piston rod material
High-alloy stainless steel
Material of cylinder barrel
High-alloy stainless steel
12/18/25 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 8217841

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8217840 FESTO-8217840 Datasheet
70Kb / 1P
Round cylinder
8217842 FESTO-8217842 Datasheet
70Kb / 1P
Round cylinder
8217843 FESTO-8217843 Datasheet
71Kb / 1P
Round cylinder
8217844 FESTO-8217844 Datasheet
71Kb / 1P
Round cylinder
8217845 FESTO-8217845 Datasheet
71Kb / 1P
Round cylinder
More results

Similar Description - 8217841

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DSNU-32-125-PPV-A FESTO-DSNU-32-125-PPV-A Datasheet
85Kb / 1P
Round cylinder
DSNU-32-160-P-A FESTO-DSNU-32-160-P-A Datasheet
82Kb / 1P
Round cylinder
DSNU-32-160-PPS-A FESTO-DSNU-32-160-PPS-A Datasheet
83Kb / 1P
Round cylinder
DSNU-32-25-PPS-A FESTO-DSNU-32-25-PPS-A Datasheet
90Kb / 1P
Round cylinder
DSNU-32-80-PPS-A FESTO-DSNU-32-80-PPS-A Datasheet
87Kb / 1P
Round cylinder
DSNU-32-80-PPV-A FESTO-DSNU-32-80-PPV-A Datasheet
88Kb / 1P
Round cylinder
DSNU-32-250-P-A FESTO-DSNU-32-250-P-A Datasheet
80Kb / 1P
Round cylinder
DSNU-32-320-P-A FESTO-DSNU-32-320-P-A Datasheet
78Kb / 1P
Round cylinder
2176407 FESTO-2176407 Datasheet
86Kb / 1P
Round cylinder
8073987 FESTO-8073987 Datasheet
84Kb / 1P
Round cylinder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com