Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL20S4R3JB14143 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RL20S4R3JB14143
Description  Metal Film Resistors, Axial, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RL20S4R3JB14143 Datasheet(HTML) 2 Page - Vishay Siliconix

  RL20S4R3JB14143 Datasheet HTML 1Page - Vishay Siliconix RL20S4R3JB14143 Datasheet HTML 2Page - Vishay Siliconix RL20S4R3JB14143 Datasheet HTML 3Page - Vishay Siliconix RL20S4R3JB14143 Datasheet HTML 4Page - Vishay Siliconix RL20S4R3JB14143 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CMF (Military RN and RL)
www.vishay.com
Vishay Dale
Revision: 02-Feb-2022
2
Document Number: 31027
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• For additional information on packaging, refer to the Through Hole Resistor Packaging document (www.vishay.com/doc?31544)
APPLICABLE MIL-SPECS
MIL-R-10509 and MIL-PRF-22684: The CMF models meet
or exceed the electrical, environmental and dimensional
requirements of MIL-R-10509 and MIL-PRF-22684.
Noise: Vishay Dale metal film resistors have exceptionally
low noise level. Average for standard resistance range is
0.10 μV per V over a decade of frequency, with low and
intermediate resistance values typically below 0.05 μV per V.
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: RN60D3483FR36 (preferred part numbering format)
MIL STYLE
CHARACTERISTICS
RESISTANCE
VALUE
TOLERANCE
CODE
PACKAGING
SPECIAL
RN50
RN55
RN60
RN65
RN70
E = 25 ppm
C = 50 ppm
D = 100 ppm
3 digit significant
figure, followed by
a multiplier.
Use “R” for
values < 100
Ω
10R0 = 10
Ω
2152 = 21.5 k
Ω
2494 = 2.49 M
Ω
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1 %
B14 = tin / lead, bulk
BSL = tin / lead, bulk,
single lot date code
R36 = tin / lead, T/R (full)
RE6 = tin / lead,
T/R (1000 pieces)
RSL = tin / lead, T/R,
single lot date code
Blank = standard
(Dash number)
88 = hot solder dip
143 = non-magnetic
Historical Part Number Example: RN60D3483F (will continue to be accepted)
RN60
D
3483
F
R36
MIL STYLE
CHARACTERISTIC
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
New Global Part Numbering: RL07S471JR36 (preferred part numbering format)
MIL STYLE
LEAD MATERIAL
RESISTANCE
VALUE
TOLERANCE
CODE
PACKAGING
SPECIAL
RL07
RL20
S = solderable
2 digit significant
figure, followed by
a multiplier.
Use “R” for
values < 10
Ω
4R3 = 4.3
Ω
202 = 2.0 k
Ω
474 = 470 k
Ω
G = ± 2 %
J = ± 5 %
B14 = tin / lead, bulk
BSL = tin / lead, bulk,
single lot date code
R36 = tin / lead, T/R (full)
RE6 = tin / lead,
T/R (1000 pieces)
RSL = tin / lead, T/R,
single lot date code
Blank = standard
(Dash number)
88 = hot solder dip
143 = non-magnetic
Historical Part Number Example: RL07S471J (will continue to be accepted)
RL07
S
471
J
R36
MIL STYLE
LEAD MATERIAL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
MATERIAL SPECIFICATIONS
Element
Nickel-chrome alloy
Coating
Flame retardant epoxy, formulated for
superior moisture protection
Core
Fire-cleaned high purity ceramic
Termination
Standard lead material is solder-coated
copper. Solderable and weldable.
CAGE CODE: 91637
ENVIRONMENTAL SPECIFICATIONS
General
Environmental performance is shown in the
Environmental Performance table. Test methods
are those specified in MIL-R-10509 and
MIL-PRF-22684.
Shelf Life
Resistance shifts due to storage at room
temperature are negligible.
6D
8
3
F
3
N
R
4R
6
3
0
0S
1
J
R
6
L
R
73
4
7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com