Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KF40 Datasheet(PDF) 2 Page - STMicroelectronics

Part # KF40
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KF40 Datasheet(HTML) 2 Page - STMicroelectronics

  KF40 Datasheet HTML 1Page - STMicroelectronics KF40 Datasheet HTML 2Page - STMicroelectronics KF40 Datasheet HTML 3Page - STMicroelectronics KF40 Datasheet HTML 4Page - STMicroelectronics KF40 Datasheet HTML 5Page - STMicroelectronics KF40 Datasheet HTML 6Page - STMicroelectronics KF40 Datasheet HTML 7Page - STMicroelectronics KF40 Datasheet HTML 8Page - STMicroelectronics KF40 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
KF00
2/17
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
THERMAL DATA
CONNECTION DIAGRAM (top view)
ORDERING CODES
(*) Available on request.
(#) Available in Tape & Reel with the suffix "-TR".
Symbol
Parameter
Value
Unit
VI
DC Input Voltage
-0.5 to 20
V
IO
Output Current
Internally Limited
Ptot
Power Dissipation
Internally Limited
Tstg
Storage Temperature Range
-40 to 150
°C
Top
Operating Junction Temperature Range
-40 to 125
°C
Symbol
Parameter
DPAK
SO-8
Unit
Rthj-case
Thermal Resistance Junction-case
820
°C/W
TYPE
SO-8(#)
DPAK(#)
OUTPUT VOLTAGE
KF12(*)
KF12BD
KF12BDT
1.25 V
KF15
KF15BD
KF15BDT
1.5 V
KF25
KF25BD
KF25BDT
2.5 V
KF27
KF27BD
KF27BDT
2.7 V
KF30
KF30BD
KF30BDT
3 V
KF33
KF33BD
KF33BDT
3.3 V
KF35
KF35BD
KF35BDT
3.5 V
KF40
KF40BD
KF40BDT
4 V
KF45(*)
KF45BD
KF45BDT
4.5 V
KF47
KF47BD
KF47BDT
4.75 V
KF50
KF50BD
KF50BDT
5 V
KF52
KF52BD
KF52BDT
5.2 V
KF55(*)
KF55BD
KF55BDT
5.5 V
KF60
KF60BD
KF60BDT
6 V
KF80
KF80BD
KF80BDT
8 V
KF85
KF85BD
KF85BDT
8.5 V
KF120
KF120BD
KF120BDT
12 V
SO-8
DPAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com