Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP240D2 Datasheet(PDF) 13 Page - Opto 22

Part # MP240D2
Description  Solid-State Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTO22 [Opto 22]
Direct Link  https://www.opto22.com/
Logo OPTO22 - Opto 22

MP240D2 Datasheet(HTML) 13 Page - Opto 22

Back Button MP240D2 Datasheet HTML 9Page - Opto 22 MP240D2 Datasheet HTML 10Page - Opto 22 MP240D2 Datasheet HTML 11Page - Opto 22 MP240D2 Datasheet HTML 12Page - Opto 22 MP240D2 Datasheet HTML 13Page - Opto 22 MP240D2 Datasheet HTML 14Page - Opto 22 MP240D2 Datasheet HTML 15Page - Opto 22 MP240D2 Datasheet HTML 16Page - Opto 22 MP240D2 Datasheet HTML 17Page - Opto 22 Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Solid-State Relays
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2006–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
13
HS Series Specifications
The HS Series features an integrated heatsink, which makes them so cool. Because there is less thermal resistance internal to the
unit than in a standard SSR mounted to the same heat sink, heat dissipates more easily. The built-in heatsink means you don't
have to select a heatsink, and installation is much easier. Each HS-series SSR has built-in hardware for screw mounting and a built-
in DIN-rail adapter clip for mounting to a 35mm DIN rail.
Surge Current Data, Peak Amps
Model Number
240D30-HS
480D25-HS
575D30-HS
Nominal AC Line Voltage
240
480
575
Operating Voltage Range (Volts AC)
24–280
100–530
100–600
Peak Repetitive Voltage Maximum
600
1000
1200
Off-State Leakage (mA) Maximum**
5 mA
10 mA
12 mA
Nominal Output Voltage Drop (RMS)
1.0 volts
1.0 volts
1.0 volts
Nominal Current Rating (Amps)
30
25
30
1 cycle Surge (Amps) Peak
610
610
610
I2t Rating t=8.3 (ms)
1550
1550
1550
Isolation Voltage (transient 4KV)
2,500VRMS
2,500VRMS
2,500VRMS
Dissipation (Nominal Watts/Amp)
1.0
1.0
1.0
Signal Pick-up Voltage
4VDC
(32V allowed)
4VDC
(32V allowed)
4VDC
(32V allowed)
Signal Drop-out Voltage
1 VDC
1 VDC
1 VDC
Nominal Signal Input Resistance (Ohms)
730
1000
1000
θja* (°C/Watt)
2.2
2.2
2.2
Note:
θja* = Thermal resistance from internal junction to ambient. Maximum internal junction
temperature is 110 °C.
** Operating Frequency: 25 to 65 Hz (operates at 400 Hz with 6 times the offstate leakage)
Time
Second
60HZ
50HZ
0.0167
610
580
0.05
394
375
0.1
300
386
0.2
230
219
0.5
164
156
1
126
120
2
112
106
392
87
489
85
585
81
10
79
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com