Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTX-25V221MG10-R2 Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # HTX-25V221MG10-R2
Description  Conductive Polymer Hybrid Aluminum Electrolytic Capacitors[HTX] for General Electronic Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

HTX-25V221MG10-R2 Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  HTX-25V221MG10-R2 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc HTX-25V221MG10-R2 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Data at any time without notice.
Before making final selection, please check product specification.
https://www.yuden.co.jp/en/
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors[HTX] for General Electronic Equipment
RSHTX221M1TEH0002 (Previous PN: HTX-25V221MG10-R2)
Features
Item Summary
220uF±20%, 25V, φ8x10mm, SMD
Lifecycle Stage
Mass Production (Preferred)
Standard packaging quantity (minimum)
Embossed taping 500 pcs
Products characteristics table
Operating Temp. Range
-55 to +135 ℃
Rated Voltage
25 V
Rated Capacitance
220 uF
Tolerance at rated capacitance
± 20 %
Leakage current (max)
55 uA at 2 min
Tangent of loss angle (tanδ) (max)
0.14
ESR (max)
22 mΩ at 100kHz / 20 ℃
Rated Ripple (max)
1600 mArms at 100kHz / 135 ℃
Impedance ratio___[-25℃/+20℃]
1.5
Impedance ratio___[-55℃/+20℃]
2
Endurance (Applied ripple current)
4000 hours at 135 ℃
___[Test time]
Endurance___[Leakage current]
The initial specified value or less
Endurance___[Capacitance change]
Within ±30% of initial value
Endurance___[tanδchange]
200% or less of the initial specified value
Endurance___[ESR change]
200% or less of the initial specified value
Shelf life___Test time
1000 hours at 135℃
; Other items are same as the endurance. How
ever, the performance shall be after voltage app
lication treatment (JIS C5101-4).
RoHS Compliance (10 subst.)
Yes
REACH Compliance (251 subst.)
Yes
Soldering
Reflow
External Dimensions
Dimension φD
φ8 ±0.5 mm
Dimension L
10 ±0.5 mm
Dimension A
8.4 ±0.2 mm
Dimension B
8.4 ±0.2 mm
Dimension (C)
3 mm
Dimension (P)
3.1 mm
Dimension W
0.7 to 1.1 mm
Dimension M
0.4 ±0.3 mm
2025.12.17
1 / 1


Similar Part No. - HTX-25V221MG10-R2

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HTX-25V221MG10N-R2 TAIYO-YUDEN-HTX-25V221MG10N-R2 Datasheet
288Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors[HTX] for Automotive Body & Chassis and Infotainment
HTX-25V221MG10Q-R2 TAIYO-YUDEN-HTX-25V221MG10Q-R2 Datasheet
288Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors[HTX] for Automotive Powertrain and Safety
More results

Similar Description - HTX-25V221MG10-R2

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HTX-16V151MF80-R2 TAIYO-YUDEN-HTX-16V151MF80-R2 Datasheet
245Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTX]
HTX-25V101MF80-R2 TAIYO-YUDEN-HTX-25V101MF80-R2 Datasheet
245Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTX]
HTX-25V560MF61-R2 TAIYO-YUDEN-HTX-25V560MF61-R2 Datasheet
245Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTX]
HTX-25V561MHC5-R2 TAIYO-YUDEN-HTX-25V561MHC5-R2 Datasheet
245Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTX]
HTX-35V391MHC5-R2 TAIYO-YUDEN-HTX-35V391MHC5-R2 Datasheet
245Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTX]
HTX-35V680MF80-R2 TAIYO-YUDEN-HTX-35V680MF80-R2 Datasheet
245Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTX]
HTX-50V330MF80-R2 TAIYO-YUDEN-HTX-50V330MF80-R2 Datasheet
245Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTX]
HTX-63V101MHC5-R2 TAIYO-YUDEN-HTX-63V101MHC5-R2 Datasheet
245Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTX]
HTX-63V330MG10-R2 TAIYO-YUDEN-HTX-63V330MG10-R2 Datasheet
245Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTX]
HTX-63V560MH10-R2 TAIYO-YUDEN-HTX-63V560MH10-R2 Datasheet
245Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTX]
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com