Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1218AW Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # 2SB1218AW
Description  PNP Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2SB1218AW Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  2SB1218AW Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2SB1218AW Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 2SB1218AW Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 2SB1218AW Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BL Galaxy Electrical
Production specification
PNP Silicon Epitaxial Planar Transistor
2SB1218AW
Document number: BL/SSSTF034
www.galaxycn.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=-10μA,IE=0
-45
V
Collector-emitter breakdown
voltage
V(BR)CEO
IC=-2mA,IB=0
-45
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10μA,IC=0
-7
V
Collector cut-off current
ICBO
VCB=-20V,IE=0
-0.1
μA
Collector cut-off current
ICEO
VCB=-10V,IB=0
-100
μA
DC current gain
hFE
VCE=-10V,IC=-2mA
160
460
Collector-emitter saturation voltage VCE(sat)
IC=-100mA, IB=-10mA
-0.3
-0.5
V
Transition frequency
fT
VCB=-10V, IE=1mA
f=200MHz
80
MHz
Collector output capacitance
Cob
VCB=-10V,IE=0,f=1MHz
2.7
pF
CLASSIFICANTION OF hFE
Rank
Q
R
S
Range
160-260
210-340
290-460
marking
BQ
BR
BS
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com