Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L239B Datasheet(PDF) 4 Page - STMicroelectronics

Part # L239B
Description  PUSH-PULL FOUR CHANNEL DRIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L239B Datasheet(HTML) 4 Page - STMicroelectronics

  L239B Datasheet HTML 1Page - STMicroelectronics L239B Datasheet HTML 2Page - STMicroelectronics L239B Datasheet HTML 3Page - STMicroelectronics L239B Datasheet HTML 4Page - STMicroelectronics L239B Datasheet HTML 5Page - STMicroelectronics L239B Datasheet HTML 6Page - STMicroelectronics L239B Datasheet HTML 7Page - STMicroelectronics L239B Datasheet HTML 8Page - STMicroelectronics L239B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction-case
Max.
14
oC/W
Rth j-amb
Thermal Resistance Junction-ambient
Max.
80
oC/W
ELECTRICAL CHARACTERISTICS
For each channel, VS = 24V, VSS = 5V, Tamb =25
oC, unless otherwise specified
Symbol
Parameter
Test Conditions
Min.
TYp.
Max.
Unit
Vs
Supply Voltage
Vss
36
V
Vss
Logic Supply Voltage
4.5
36
V
Is
Total Quiescent Supply Current
Vi =L
Io =0
Vinh =H
Vi =H
Io =0
Vinh =H
Vinh =L
2
16
6
24
4
mA
Iss
Total Quiescent Logic Supply Current
Vi =L
Io =0
Vinh =H
Vi =H
Io =0
Vinh =H
Vinh =L
44
16
16
60
22
24
mA
ViL
Input Low Voltage
-03.
1.5
V
ViH
Input High Voltage
VSS
≤ 7V
Vss >7V
2.3
2.3
Vss
7
V
IiL
Low Voltage Input Current
Vil = 1.5V
-10
µA
IiH
High Voltage Input Current
2.3V
≤ VIH ≤ Vss - 0.6V
30
100
µA
VinhL
Inhibit Low Voltage
-0.3
1.5
V
VinhH
Inhibit High Voltage
VSS
≤ 7V
Vss >7V
2.3
2.3
Vss
7
V
IinhL
Low Voltage Inhibit Current
VinhL = 1.5V
-30
-100
µA
IinhH
High Voltage Inhibit Current
2.3V
≤ VinhH ≤ Vss - 0.6V
±10
µA
VCEsatH
Source Output Saturation Voltage
Io = -1A
1.4
1.8
V
VCEsatL
Sink Output Saturation Voltage
Io = 1A
1.2
1.8
V
VSENS
Sensing Voltage (pins 4, 7, 14, 17) (**)
2
V
tr
Rise Time
0.1 to 0.9 Vo (*)
250
ns
tf
Fall Time
0.9 to 0.1 Vo (*)
250
ns
ton
Turn-on Delay
0.5 Vi to 0.5 Vo (*)
750
ns
toff
Turn-off Delay
0.5 Vi to 0.5 Vo (*)
200
ns
*
See figure 1
**
Referred to L293E
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vs
Supply Voltage
36
V
Vss
Logic Supply Voltage
36
V
Vi
Input Voltage
7
V
Vinh
Inhibit Voltage
7
V
Iout
Peak Output Current (non repetitive t = 5ms)
2
A
Ptot
Total Power Dissipation at Tground-pins =80
oC5
W
Tstg,Tj
Storage and Junction Temperature
–40 to +150
oC
TRUTH TABLE
Vi (each channel)
Vo
Vinh
(
∞)
H
L
H
L
H
L
X(
o)
X(
o)
H
H
L
L
(*)
High output impedance
(**) Relative to the considerate channel
L293B - L293E
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com