Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMS8018 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDMS8018
Description  N-Channel PowerTrench® MOSFET 30 V, 175 A, 1.8 mΩ
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS8018 Datasheet(HTML) 2 Page - ON Semiconductor

  FDMS8018 Datasheet HTML 1Page - ON Semiconductor FDMS8018 Datasheet HTML 2Page - ON Semiconductor FDMS8018 Datasheet HTML 3Page - ON Semiconductor FDMS8018 Datasheet HTML 4Page - ON Semiconductor FDMS8018 Datasheet HTML 5Page - ON Semiconductor FDMS8018 Datasheet HTML 6Page - ON Semiconductor FDMS8018 Datasheet HTML 7Page - ON Semiconductor FDMS8018 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
December 2015
©2011 Fairchild Semiconductor Corporation
FDMS8018 Rev.1.2
www.fairchildsemi.com
1
FDMS8018
N-Channel PowerTrench® MOSFET
30 V, 175 A, 1.8 m
Ω
Features
Max rDS(on) = 1.8 mΩ at VGS = 10 V, ID = 30 A
Max rDS(on) = 2.4 mΩ at VGS = 4.5 V, ID = 26 A
Advanced Package and Silicon Combination for Low rDS(on)
and High Efficiency
Next Generation Enhanced Body Diode Technology, Engi-
neered for Soft Recovery
MSL1 Robust Package Design
100% UIL Tested
RoHS Compliant
General Description
This N-Channel MOSFET has been designed specifically to
improve the overall efficiency and to minimize switch node
ringing of DC/DC converters using either synchronous or
conventional switching PWM controllers.It has been optimized
for low gate charge, low rDS(on), fast switching speed ang body
diode reverse recovery performance.
Applications
VRM Vcore Switching for Desktop and Server
OringFET / Load Switching
DC-DC Conversion
Motor Bridge Switch
Power 56
D
D
D
D
G
S
S
S
Pin 1
Bottom
Top
Pin 1
D
D
D
D
S
S
S
G
MOSFET Maximum Ratings T
A = 25 °C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
30
V
VGS
Gate to Source Voltage
(Note 4)
±20
V
ID
Drain Current -Continuous
TC = 25 °C
(Note 6)
175
A
-Continuous
TC = 100 °C
(Note 6)
110
-Continuous
TA = 25 °C
(Note 1a)
30
-Pulsed
(Note 5)
680
EAS
Single Pulse Avalanche Energy
(Note 3)
126
mJ
PD
Power Dissipation
TC = 25 °C
83
W
Power Dissipation
TA = 25 °C
(Note 1a)
2.5
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction to Case
1.5
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
50
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDMS8018
FDMS8018
Power 56
13 ’’
12 mm
3000 units



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com