Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2DF66HF Datasheet(PDF) 1 Page - nVent Electric plc

Part # P2DF66HF
Description  Side Door Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

P2DF66HF Datasheet(HTML) 1 Page - nVent Electric plc

  P2DF66HF Datasheet HTML 1Page - nVent Electric plc P2DF66HF Datasheet HTML 2Page - nVent Electric plc P2DF66HF Datasheet HTML 3Page - nVent Electric plc P2DF66HF Datasheet HTML 4Page - nVent Electric plc P2DF66HF Datasheet HTML 5Page - nVent Electric plc P2DF66HF Datasheet HTML 6Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PROLINE G2 ExtERNaL COmPONENts Door Accessories
nVent.com/HOFFMAN
SUBJECT TO CHANGE WITHOUT NOTICE
mOduLaR ENCLOsuRE sOLutIONs
1
Spec-01190 B
Spec-01190
sIdE dOOR adaPtER
aPPLICatION
PROLINE G2 Side Door Adapters allow the mounting of a standard
door to the side of the enclosure. When mounted to the enclosure,
they maintain enclosure environmental integrity.
sPECIFICatIONs
•
14 gauge (1.75 mm) steel
•
All mounting hardware included
FINIsH
•
Polyester powder paint; RAL 7035 textured light gray standard
•
Custom colors available
Bulletin: p40
Standard Product
 
Catalog Number
H (mm)
H (in.)
W (mm)
W (in.)
Fits Frame HxW (mm)
P2DA125
1183
46.6
504
19.8
1200 x 500
P2DA126
1183
46.6
604
23.8
1200 x 600
P2DA128
1183
46.6
804
31.7
1200 x 800
P2DA145
1383
54.4
504
19.8
1400 x 500
P2DA148
1383
54.4
804
31.7
1400 x 800
P2DA164
1583
62.3
404
15.9
1600 x 400
P2DA165
1583
62.3
504
19.8
600 x 500
P2DA166
1583
62.3
604
23.8
1600 x 600
P2DA168
1583
62.3
804
31.7
1600 x 800
P2DA184
1783
70.2
404
15.9
1800 x 400
P2DA185
1783
70.2
504
19.8
1800 x 500
P2DA186
1783
70.2
604
23.8
1800 x 600
P2DA188
1783
70.2
804
31.7
1800 x 800
P2DA204
1983
78.1
404
15.9
2000 x 400
P2DA205
1983
78.1
504
19.8
2000 x 500
P2DA206
1983
78.1
604
23.8
2000 x 600
P2DA208
1983
78.1
804
31.7
2000 x 800
P2DA2010
1983
78.1
1004
39.5
2000 x 1000
P2DA225
2183
85.9
504
19.8
2200 x 500
P2DA226
2183
85.9
604
23.8
2200 x 600
P2DA228
2183
85.9
804
31.7
2200 x 800
P2DA2210
2183
85.9
1004
39.5
2200 x 1000


Similar Part No. - P2DF66HF

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
P2D MEANWELL-P2D Datasheet
500Kb / 5P
6W AC-DC Reliable Green Medical Adaptor
2018-01-15
P2D 760K MEANWELL-P2D 760K Datasheet
500Kb / 5P
6W AC-DC Reliable Green Medical Adaptor
2018-01-15
logo
SYNERGY MICROWAVE CORPO...
P2D100800 SYNERGY-P2D100800 Datasheet
373Kb / 3P
2-Way Power divider
P2D180900L SYNERGY-P2D180900L Datasheet
344Kb / 3P
2-WAY POWER DIVIDER
P2D2001800 SYNERGY-P2D2001800 Datasheet
386Kb / 3P
2-WAY POWER DIVIDER
More results

Similar Description - P2DF66HF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D4DS ETC1-D4DS Datasheet
1Mb / 12P
Safety-Door Switch
logo
Gamewell-FCI by Honeywe...
FCI-DR-C4B GAMEWELL-FCI-FCI-DR-C4B Datasheet
59Kb / 1P
Door, lock & key
DH-FC1 GAMEWELL-FCI-DH-FC1 Datasheet
208Kb / 2P
Electromagnetic Door Holders
logo
Richco, Inc.
DL-1X RICHCO-DL-1X Datasheet
70Kb / 1P
DOOR LATCH
logo
STMicroelectronics
L9953 STMICROELECTRONICS-L9953 Datasheet
541Kb / 38P
Door actuator driver
14-May-2010
logo
List of Unclassifed Man...
V-9767-L ETC1-V-9767-L Datasheet
63Kb / 1P
ECNGLAS DOOR
AX102651 ETC2-AX102651 Datasheet
100Kb / 3P
Faceplates and Panels - KeyConnect Side Entry Box with Shutter Door 1-Port
logo
C&K Components
11TL CK-COMPONENTS-11TL Datasheet
440Kb / 3P
Door Interlock Switches
logo
FIBOX Enclosing innovat...
8120718 FIBOX-8120718 Datasheet
54Kb / 2P
Inner door set
11.01.2023
8120719 FIBOX-8120719 Datasheet
54Kb / 2P
Inner door set
11.01.2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com