Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLFSWD Datasheet(PDF) 6 Page - nVent Electric plc

Part # PLFSWD
Description  Side Door Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

PLFSWD Datasheet(HTML) 6 Page - nVent Electric plc

  PLFSWD Datasheet HTML 1Page - nVent Electric plc PLFSWD Datasheet HTML 2Page - nVent Electric plc PLFSWD Datasheet HTML 3Page - nVent Electric plc PLFSWD Datasheet HTML 4Page - nVent Electric plc PLFSWD Datasheet HTML 5Page - nVent Electric plc PLFSWD Datasheet HTML 6Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PROLINE G2 ExtERNaL COmPONENts Door Accessories
PH 763.422.2211
nVent.com/HOFFMAN
mOduLaR ENCLOsuRE sOLutIONs
6
Spec-01190 B
stEEL data POCKEt
aPPLICatION
Provides a convenient place to store wiring diagrams, operation
manuals and other documentation inside the enclosure.
sPECIFICatIONs
•
Steel Data Pocket fastens to the bottom of the door
•
Door Bar Grid Straps (purchased separately) must be used to
change the vertical mounting position of the data pocket
FINIsH
•
Polyester powder paint; RAL 7035 textured light gray standard
•
Custom colors available
Bulletin: p40
Catalog Number
Description
P2ADPS1
Steel Data Pocket
FOLdING sHELF
aPPLICatION
The folding shelf can be used on the exterior or the interior of a door
to provide a convenient surface for computers, tools or paperwork.
sPECIFICatIONs
•
Mounts to door using Door Bar Grid Straps (sold separately)
•
Locks in two positions - 90 degrees as a shelf and 15 degrees as a
writing surface.
•
Holds up to 30lb (13.6kg)
•
16 gauge steel with 12 gauge brackets
FINIsH
•
Polyester powder paint; RAL 7035 textured light gray standard
•
Custom colors available
Bulletin: p20
Catalog Number
Description
PSHDM
Fits door widths 600, 700, 800 and 1000 mm
dOOR BaR GRId stRaPs
aPPLICatION
The PROLINE G2 Door Bar Grid Straps are used to mount
accessories to the door.
sPECIFICatIONs
•
Straps mount to the door bar
•
Load rating: 100 lbs (45.4 kg)
•
16 gauge (1.5 mm), mild steel
FINIsH
•
Plated
Bulletin: p40
Catalog Number
W
mm/in.
Fits Frame Width
mm
P2GD4
308
12.1
400
P2GD5
408
16.1
500
P2GD6
508
20.0
600
P2GD7
608
23.9
700
P2GD8
708
27.9
800
P2GD9
808
31.8
900
P2GD10
908
35.7
1000
Frame Width dimensions are nominal mm.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com