Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN0010 Datasheet(PDF) 2 Page - RF Micro Devices

Part # AN0010
Description  Evaluation Board Assembly Biasing Configuration
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

AN0010 Datasheet(HTML) 2 Page - RF Micro Devices

  AN0010 Datasheet HTML 1Page - RF Micro Devices AN0010 Datasheet HTML 2Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
13-10
AN0010
13
Copyright 1997-2002 RF Micro Devices, Inc.
NDA Series HBT Distributed Amplifiers
1. What is provided with the evaluation board assembly?
a. An NDA part mounted on a PCB with connectors.
b. Biasing resistor RCC1 (120Ω).
c. S-parameter data (provided with all evaluation boards).
Note: The s-parameter data gain results include device performance as well as evaluation board and connector
loss variations. The insertion losses of the evaluation board and connectors are as follows.
1. 1GHz to 4GHz=-0.06dB
2. 5GHz to 9GHz=-0.22dB
3. 10GHz to 14GHz=-0.50dB
4. 15GHz to 20GHz=-1.08dB
2. Bill of Materials for NDA Series evaluation board assembly:
a. NDA series component.
b. 120
Ω±5% surface-mount resistor.
c. Two (2) SMA connectors.
d. One (1) PC board material, Rogers Corp. part number: TMM-6, 20mil thick or equivalent.
e. 60/40 tin-lead solder.
3. Figure of Evaluation Board with external biasing
Note: Biasing components are not supplied with evaluation board assembly.
SMA
Connector (2)
PC Board (1)
Attach AGC voltage
to this point
RFMD
DUT
INPUT
OUTPUT
V
C1
V
C2
Figure 3. NDA-Series Evaluation Board
L Choke
C Block
R
CC
120
Ω
V
CC
Output
C Block
Input
V
CC1
C1
1
µF
RFMD
DUT
INPUT
OUTPUT
V
C1
V
C2
Figure 4. NDA-Series Evaluation Board with External Biasing



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com